Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9210 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9210 Datasheet HTML 3Page - STMicroelectronics TDA9210 Datasheet HTML 4Page - STMicroelectronics TDA9210 Datasheet HTML 5Page - STMicroelectronics TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics TDA9210 Datasheet HTML 10Page - STMicroelectronics TDA9210 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TDA9210
7/19
Figure 4. Waveforms (Drive adjustment)
4.10 - Bandwidth Adjustment
A new feature: Bandwidth adjustment, has been
implemented on the TDA9210.
This function has several advantages:
– Depending on the external capacitive load and
on the peak-to-peak output voltage, the band-
width can be adjusted to avoid any slew-rate
phenomenon.
– The preamp bandwidth can be adjusted in order
to reduce electromagnetic radiation, since it is
possible to slow down the signal rise/fall time at
the CRT driver input without too much affecting
the rise/fall time at the CRT driver output.
– It is possible to optimize the ratio of the frequen-
cy response versus the CRT driver power con-
sumption for any kind of chassis, as the preamp
bandwidth adjustment also allows the adjust-
ment of the rise/fall time on the cathode (through
the CRT driver).
– In still picture mode, when a high Video swing
voltage is of greater interest than rise/fall time,
bandwidth adjustment is used to avoid any slew-
rate phenomenon at the CRT driver output and to
meet electromagnetic radiation requirements.
4.11 - CRT Cathode Coupling (Figure 5)
The TDA9210 is designed to be used in DC cou-
pling mode, enabling to build a powerful video sys-
tem on a small PCB Board and giving a substantial
cost saving compared with any other solution
available on the market.
The preamplifier outputs control directly the cut-off
levels.
The output DC level (VDC) is adjusted independ-
ently for each channel from 0.5 V to 2.5 V via reg-
isters 10, 11 and 12.
In DC coupling mode, bit 2 must be set to 1 and
bit3 to 0 in Register 9.
HSYNC
BPCP
BLK
Video IN
BFLK
OSD IN
VCONT
Two examples of drive
adjustment (1)
VBLACK
VDC
VBRT
VOSD
VOUT1,VOUT2,VOUT3
Note :
1.Drive adjustment modifies the following voltages : VCONT,VBRT and VOSD.
Drive adjustment doesn’t modify the following voltages : VDC and VBLACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com