Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9210 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9210 Datasheet HTML 4Page - STMicroelectronics TDA9210 Datasheet HTML 5Page - STMicroelectronics TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics TDA9210 Datasheet HTML 10Page - STMicroelectronics TDA9210 Datasheet HTML 11Page - STMicroelectronics TDA9210 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TDA9210
8/19
Figure 5. DC Coupling
4.12 - Stand-by Mode
The TDA9210 has a stand-by mode. As soon as
the VCC power (Pin 17) gets lower than 3V (typ.),
the device is set in stand-by mode whatever the
voltage on analog VCCA (Pin 7) is. The analog
blocks are internally switched-off while the logic
parts (I
2C bus, power-on reset) are still supplied.
In stand-by mode, the power consumption is be-
low 20 mW.
4.13 - Serial Interface
The 2-wire serial interface is an I
2C interface. The
slave address of TDA9210 is DC hex.
The host MCU can write into the TDA9210 regis-
ters. Read mode is not available.
In order to write data into the TDA9210, after the
“start” message, the MCU must send the following
data (see Figure 6):
– the I2C address slave byte with a low level for the
R/W bit,
– the byte to the internal register address where
the MCU wants to write data,
– the data.
All bytes are sent with MSB bit first. The transfer of
written data is ended with a “stop” message.
When transmitting several data, the register ad-
dresses and data can be written with no need to
repeat the start and slave addresses.
4.14 - Power-on Reset
A power-on reset function is implemented on the
TDA9210 so that the I
2C registers have a deter-
mined status after power-on. The Power-on reset
threshold for a rising supply on VCCA (Pin 7) is
3.8 V (typ.) and 3.2V when the VCC decreases.
Figure 6. I2C Write Operation
OUTPUT 1,2,3 DC LEVEL
Pins 14-16-18
CRT
CRT
Driver
TDA 9210
0.5V to 2.5V (8bits)
A6
A5
A4
A3
A2
A1
A0
W
110
111
00
SCL
W
A7
A6
A5
A4
A3
A2
A1
A0
SDA
Register Address
ACK
ACK
I2C Slave Address
Start
D7
D6
D5
D4
D3
D2
D1
D0
Data Byte
ACK
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com