Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9210 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics TDA9210 Datasheet HTML 10Page - STMicroelectronics TDA9210 Datasheet HTML 11Page - STMicroelectronics TDA9210 Datasheet HTML 12Page - STMicroelectronics TDA9210 Datasheet HTML 13Page - STMicroelectronics TDA9210 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TDA9210
10/19
8 - AC ELECTRICAL CHARACTERISTICS
Note 1 : Assuming that VOM remains within the range of Vo (between 0.5V and VCCP - 0.5V)
Note 2 : tR,tF are calculated values, assuming an ideal input rise/fall time of 0ns (tR =
, tF =
Symbol
Parameter
Test Condit ions
Min.
Typ.
Max. Units
VIDEO INPUTS (PINS 1, 3, 5)
VI
Video Input Voltage Amplitude
Max. Contrast and Drive
0.7
1
V
VIDEO OUTPUT SIGNAL (PINS 14, 16, 18) - GENERAL
GAM
Maximum Gain
Max Contrast and Drive
(CRT = DRV = 254 dec)
16
dB
VOM
Maximum Video Output Voltage
(Note 1)
Max Contrast and Drive
(CRT = DRV = 254 dec)
4.4
V
VON
Nominal Video Output Voltage
Contrast and Drive at POR
(CRT = DRV = 180 dec)
2.2
V
CAR
Contrast Attenuation Range
From max. Contrast (CRT=254 dec)
to min. Contrast (CRT = 1 dec)
48
dB
DAR
Drive Attenuation Range
From Max. Drive (DRV = 254 dec)
to min Drive (DRV = 1 dec)
48
dB
GM
Gain Matching
Contrast and Drive at POR
±0.1
dB
tR,tF
Rise Time, Fall Time (Note 2)
VOUT =2 VPP (BW = 15 dec)
VOUT =2 VPP (BW = 0 dec)
2.7
4.3
ns
ns
BW
Large Signal Bandwidth
VOUT =2 VPP
130
MHz
BW
Bandwidth Adjustment Range
VOUT =2 VPP
Minimum bandwidth (BW = 0 dec)
Maximum bandwidth (BW =15 dec)
80
130
MHz
MHz
CT
Crosstalk between Video Outputs
VOUT =2 VPP
@ f = 10 MHz
@ f = 50 MHz
60
35
dB
dB
VIDEO OUTPUT SIGNAL — BRIGHTNESS
BRTmax
Maximum Brightness Level
Max. Brightness (BRT = 255 dec)
and Max. Drive (DRV = 254 dec)
2V
BRTmin
Minimum Brightness Level
Min. Brightness (BRT = 0 dec)
and Max. Drive (DRV = 254 dec)
0V
VIP
Insertion Pulse
0.4
V
BRTM
Brightness Matching
Brightness and Drive at POR
±10
mV
VIDEO OUTPUT SIGNAL — OSD
OSDmax
OSDmin
Maximum OSD Output Level
Minimum OSD Output Level
Max. Drive (DRV = 254 dec)
Max. OSD (OSD = 15 dec)
Min. OSD (OSD = 0 dec)
4.9
0
V
V
VIDEO OUTPUT SIGNAL — DC LEVEL (DC COUPLING MODE)
DCLmax
DCLmin
Maximum Output DC Level
Minimum Output DC Level
Max. Cut-off (Cut-off = 255 dec)
Min. Cut-off (Cut-off = 40 dec)
2.5
0.4
V
V
DCLstep
Output DC Level Step
10
mV
DCLTD
Output DC Level Drift
Tj variation=100
°C
0.5
%
T
amb =25°C, V
CCA =5V, VCCP=8V, Vi = 0.7 VPP,CLOAD = 5pF
RS = 100Ω, serial between output pin and CLOAD, unless otherwise specified.
tROUT
2 +t
RIN
2
tFOUT
2 +t
FIN
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com