Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

505-AD8295ACPZ-R7CT-ND Datasheet(PDF) 9 Page - Analog Devices

Part # 505-AD8295ACPZ-R7CT-ND
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND Datasheet(HTML) 9 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 5Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 6Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 7Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 8Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 9Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 10Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 11Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 12Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8295
Rev. 0 | Page 9 of
28
TYPICAL PERFORMANCE CHARACTERISTICS
IN-AMP
VS = ±15 V, REF = 0 V, TA = 25°C, RL = 10 kΩ, unless otherwise noted.
800
600
400
200
0
–100
–50
0
50
100
CMRR (µV/V)
Figure 3. Typical Distribution for CMRR, G = 1
800
700
600
500
400
300
200
100
0
–100
–50
0
50
100
VOSI (µV)
Figure 4. Typical Distribution of Input Offset Voltage
600
700
500
400
300
200
100
0
–2
–1
0
1
2
INPUT BIAS CURRENT (nA)
Figure 5. Typical Distribution of Input Bias Current
800
600
400
200
0
–1.0
–0.5
0
0.5
1.0
INPUT OFFSET CURRENT (nA)
Figure 6. Typical Distribution of Input Offset Current
–4
–3
–2
–1
0
1
2
3
4
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
G = 1
VS = ±2.5V, ±5V
Figure 7. Input Common-Mode Range vs. Output Voltage, G = 1,
VS = ±2.5 V, ±5 V, REF = 0 V
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 1
VS = ±15V
Figure 8. Input Common-Mode Range vs. Output Voltage, G = 1,
VS = ±15 V, REF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com