Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

505-AD8295ACPZ-R7CT-ND Datasheet(PDF) 12 Page - Analog Devices

Part # 505-AD8295ACPZ-R7CT-ND
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND Datasheet(HTML) 12 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 8Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 9Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 10Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 11Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 12Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 13Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 14Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 15Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8295
Rev. 0 | Page 12 of
28
RL = 2kΩ
RL = 10kΩ
–1.6
–1.2
–0.4
+VS–0
–0.8
RL = 10kΩ
RL = 2kΩ
+0.4
–VS+0
+0.8
+1.2
+1.6
2
6
10
14
18
SUPPLY VOLTAGE (V)
Figure 21. Output Voltage Swing vs. Supply Voltage, G = 1
30
0
10
20
1
10
100
1k
10k
LOAD RESISTANCE (Ω)
Figure 22. Output Voltage Swing vs. Load Resistance
+VS–0
–1
–2
–3
+3
+2
+1
–VS+0
01
11
10
9
8
7
6
5
4
3
2
1
OUTPUT CURRENT (mA)
2
SINKING
SOURCING
Figure 23. Output Voltage Swing vs. Output Current, G = 1
–10
–8
–6
–4
–2
0
2
4
6
8
10
VOUT (V)
2kΩ LOAD
600Ω LOAD
10kΩ LOAD
4
3
2
1
0
–1
–2
–3
–4
Figure 24. Gain Nonlinearity, G = 1
–10
–8
–6
–4
–2
0
2468
10
VOUT (V)
2kΩ LOAD
600Ω LOAD
10kΩ LOAD
40
30
20
10
0
–10
–20
–30
–40
Figure 25. Gain Nonlinearity, G = 100
110
1
10
100
1k
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
GAIN = 1000
BW LIMIT
Figure 26. Voltage Noise Spectral Density vs. Frequency, G = 1 to 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com