Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

505-AD8295ACPZ-R7CT-ND Datasheet(PDF) 10 Page - Analog Devices

Part # 505-AD8295ACPZ-R7CT-ND
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND Datasheet(HTML) 10 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 6Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 7Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 8Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 9Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 10Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 11Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 12Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 13Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8295
Rev. 0 | Page 10 of
28
–4
–3
–2
–1
0
1
2
3
4
5
–5
–4
–3
–2
–1
012345
OUTPUT VOLTAGE (V)
G = 100
VS = ±2.5V, ±5V
Figure 9. Input Common-Mode Range vs. Output Voltage, G = 100,
VS = ±2.5 V, ±5 V, REF = 0 V
–15
–10
–5
0
5
10
15
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 100
VS = ±15V
Figure 10. Input Common-Mode Range vs. Output Voltage, G = 100,
VS = ±15 V, REF = 0 V
0
–0.050
–0.100
–0.150
–0.200
–0.250
–0.300
–0.350
–15
–10
–5
0
5
10
15
COMMON-MODE VOLTAGE (V)
±15V
±5V
Figure 11. Input Bias Current vs. Common-Mode Voltage
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
02
46
8
1
WARM-UP TIME (Min)
0
Figure 12. Change in Input Offset Voltage vs. Warm-Up Time
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
POSITIVE BIAS
OFFSET
NEGATIVE BIAS
Figure 13. Input Bias Current and Offset Current vs. Temperature
20
40
60
80
100
120
140
160
180
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 14. Positive PSRR vs. Frequency, RTI, G = 1 to 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com