Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5200BDS Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
26
Freescale Semiconductor
NOTES:
1. Wait States (WS) can be programmed in the Chip Select X Register, Bit field WaitP and WaitX. It can be specified from 0 -
65535.
2. Example:
Long Burst is used, this means the CS related BERx and SLB bits of the Chip Select Burst Control Register are set and a burst
on the internal XLB is executed. => LB = 1
Data bus width is 8 bit. => DS = 8
=> 41*2*(32/8) = 32 => ACK is asserted for 32 PCI cycles to transfer one cache line.
Wait State is set to 10. => WS = 10
1+10+32 = 43 => CS is asserted for 43 PCI cycles.
3. ACK is output and indicates the burst.
4. Deadcycles are only used, if no arbitration to an other module (ATA or PCI) of the shared local bus happens. If arbitration
happens the bus can be driven within 4 IPB clocks by an other modules.
Figure 12. Timing Diagram—Burst Mode
t9
DATA hold after rising edge of PCI
clock
0-
ns
A7.32
t10
DATA hold after CS negation
0
(DC+1)*tPCIck
ns
(4)
A7.33
t11
ACK assertion after CS assertion
-
(WS+1)*tPCIck
ns
A7.34
t12
ACK negation before CS negation
-
7.0
ns
(3)
A7.35
t13
ACK pulse width
4LB*2*(32/DS)*tPCIck
4LB*2*(32/DS)*tPCIck
ns
(2),(3)
A7.36
t14
CS assertion after TS assertion
-
2.5
ns
A7.37
t15
TS pulse width
tPCIck
tPCIck
ns
A7.38
Table 25. Burst Mode Timing (continued)
Sym
Description
Min
Max
Units Notes SpecID
ADDR
DATA (rd)
CS[x]
R/W
OE
TS
t10
t3
t5
ACK
t1
PCI CLK
t2
t4
t7
t6
t11
t13
t14
t15
t9
t8
t12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com