Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5200BDS Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
29
All ATA transfers are programmed in terms of system clock cycles (IP bus clocks) in the ATA Host Controller timing registers.
This puts constraints on the ATA protocols and their respective timing modes in which the ATA Controller can communicate
with the drive.
Faster ATA modes (i.e., UDMA 0, 1, 2 ) are supported when the system is running at a sufficient frequency to provide adequate
data transfer rates. Adequate data transfer rates are a function of the following:
•
The MPC5200B operating frequency (IP bus clock frequency)
•
Internal MPC5200B bus latencies
•
Other system load dependent variables
The ATA clock is the same frequency as the IP bus clock in MPC5200B. See the MPC5200B User Manual.
NOTE
All output timing numbers are specified for nominal 50 pF loads.
Table 27. PIO Mode Timing Specifications
Sym
PIO Timing Parameter
Min/Max
(ns)
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
Mode 3
(ns)
Mode 4
(ns)
SpecID
t0
Cycle Time
min
600
383
240
180
120
A8.1
t1
Address valid to DIOR/DIOW setup
min
70
50
30
30
25
A8.2
t2
DIOR/DIOW pulse width 16-bit
8-bit
min
min
165
290
125
290
100
290
80
80
70
70
A8.3
t2i
DIOR/DIOW recovery time
min
—
—
—
70
25
A8.4
t3
DIOW data setup
min
60
45
30
30
20
A8.5
t4
DIOW data hold
min
30
20
15
10
10
A8.6
t5
DIOR data setup
min
50
35
20
20
20
A8.7
t6
DIOR data hold
min
55555
A8.8
t9
DIOR/DIOW to address
valid hold
min
2015101010
A8.9
tA
IORDY setup
max
35
35
35
35
35
A8.10
tB
IORDY pulse width
max
1250
1250
1250
1250
1250
A8.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com