| Electronic Components Datasheet Search |
|
MPC5200BDS Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200BDS Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 72 page ![]() MPC5200B Data Sheet, Rev. 3 14 Freescale Semiconductor 1.3.4 Resets The MPC5200B has three reset pins: • PORRESET - Power on Reset •HRESET - Hard Reset •SRESET - Software Reset These signals are asynchronous I/O signals and can be asserted at any time. The input side uses a Schmitt trigger and requires the same input characteristics as other MPC5200B inputs, as specified in the DC Electrical Specifications section. Table 14 specifies the pulse widths of the Reset inputs. For PORRESET the value of the minimum pulse width reflects the power on sequence. If PORRESET is asserted afterwards its minimum pulse width equals the minimum given for HRESET related to the same reference clock. The tVDD_stable describes the time which is needed to get all power supplies stable. For tlock, refer to the Oscillator/PLL section of this specification for further details. For tup_osc, refer to the Oscillator/PLL section of this specification for further details. Following the deassertion of PORRESET, HRESET and SRESET remain low for 4096 reference clock cycles. The deassertion of HRESET for at least the minimum pulse width forces the internal resets to be active for an additional 4096 clock cycles. NOTE As long as VDD is not stable the HRESET output is not stable. NOTE Make sure that the PORRESET does not carry any glitches. The MPC5200B has no filter to prevent them from getting into the chip. HRESET and SRESET must have a monotonous rise time. The assertion of HRESET becomes active at Power on Reset without any SYS_XTAL clock. Table 14. Reset Pulse Width Name Description Min Pulse Width Max Pulse Width Reference Clock SpecID PORRESET Power On Reset tVDD_stable+tup_osc+tlock — SYS_XTAL_IN A3.1 HRESET Hardware Reset 4 clock cycles — SYS_XTAL_IN A3.2 SRESET Software Reset 4 clock cycles — SYS_XTAL_IN A3.3 Table 15. Reset Rise/Fall Timing Description Min Max Unit SpecID PORRESET fall time — 1 ms A3.4 PORRESET rise time — 1 ms A3.5 HRESET fall time — 1 ms A3.6 HRESET rise time — 1 ms A3.7 SRESET fall time — 1 ms A3.8 SRESET rise time — 1 ms A3.9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |