Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFDA Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
29
Ethernet: Three-Speed Ethernet, MII Management
Figure 15. 4-Wire AC-Coupled SGMII Serial Link Connection Example
Table 32. SGMII DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
XCOREVDD
0.95
1.0
1.05
V
Output high voltage
VOH
—
—
XCOREVDD-Typ/2
+|VOD|-max/2
mV
1
Output low voltage
VOL
XCOREVDD-Typ/2
– |VOD|-max/2
——
mV
1
Output ringing
VRING
——
10
%
Output differential voltage2, 3
|VOD|
323
500
725
mV
Equalization
setting: 1.0x
Output offset voltage
VOS
425
500
575
mV
1, 4
Output impedance
(single-ended)
RO
40
—
60
Ω
Mismatch in a pair
ΔRO
——
10
%
Change in VOD between 0 and 1
Δ|VOD|—
—
25
mV
Change in VOS between 0 and 1
ΔVOS
——
25
mV
Output current on short to GND
ISA, ISB
——
40
mA
Notes:
1. This will not align to DC-coupled SGMII. XCOREVDD-Typ = 1.0 V.
2. |VOD| = |VTXn – VTXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p = 2*|VOD|.
3. The |VOD| value shown in the Typ column is based on the condition of XCOREVDD-Typ = 1.0 V, no common mode offset
variation (VOS = 500 mV), SerDes transmitter is terminated with 100-Ω differential load between TX[n] and TX[n].
4. VOS is also referred to as output common mode voltage.
MPC8313E SGMII
SerDes Interface
Transmitter
TX
n
RXm
TX
n
RXm
Receiver
CTX
CTX
RX
n
RX
n
Receiver
Transmitter
TXm
TXm
CTX
CTX
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com