Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFDA Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
42
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 28. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
Figure 29 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver.
Since LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible with
the MPC8313E SerDes reference clock input’s DC requirement, AC coupling has to be used. Figure 29
assumes that the LVPECL clock driver’s output impedance is 50
Ω. R1 is used to DC-bias the LVPECL
outputs prior to AC coupling. Its value could be ranged from 140 to 240
Ω depending on the clock driver
vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50-
Ω termination
resistor to attenuate the LVPECL output’s differential peak level such that it meets the MPC8313E
SerDes3 reference clock’s differential input amplitude requirement (between 200 and 800 mV differential
peak). For example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference
clock input amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25
Ω.
Consult with the clock driver chip manufacturer to verify whether this connection scheme is compatible
with a particular clock driver chip.
Figure 29. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only)
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω Differential PWB Trace
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8313E
SerDes Refer.
CLK Receiver
50
Ω
50
Ω
Clock Driver
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω Differential PWB Trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVPECL CLK Driver Chip
R2
R2
MPC8313E
10 nF
10 nF
CLK_Out
CLK_Out
R2
R2
R1
Clock Driver
50
Ω
R1
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com