Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFDA Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
30
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 16. SGMII Transmitter DC Measurement Circuit
8.3.4
SGMII AC Timing Specifications
This section describes the SGMII transmit and receive AC timing specifications. Transmitter and receiver
characteristics are measured at the transmitter outputs (TX[n] and TX[n]) or at the receiver inputs (RX[n]
and RX[n]) as depicted in Figure 18, respectively.
Table 33. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
XCOREVDD
0.95
1.0
1.05
V
DC Input voltage range
N/A
1
Input differential voltage
VRX_DIFFp-p
100
—
1200
mV
2
Loss of signal threshold
VLOS
30
—
100
mV
Input AC common mode voltage
VCM_ACp-p
——
100
mV
3
Receiver differential input impedance
ZRX_DIFF
80
100
120
Ω
Receiver common mode input impedance
ZRX_CM
20
—
35
Ω
Common mode input voltage
VCM
—Vxcorevss
—V
4
Notes:
1. Input must be externally AC-coupled.
2. VRX_DIFFp-p is also referred to as peak to peak input differential voltage
3. VCM_ACp-p is also referred to as peak to peak AC common mode voltage.
4. On-chip termination to XCOREVSS.
50
Ω
TX
n
TX
n
50
Ω
Vos
VOD
MPC8313E SGMII
SerDes Interface
50
Ω
50
Ω
Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com