Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC954 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 31Page - NXP Semiconductors P89LPC954 Datasheet HTML 32Page - NXP Semiconductors P89LPC954 Datasheet HTML 33Page - NXP Semiconductors P89LPC954 Datasheet HTML 34Page - NXP Semiconductors P89LPC954 Datasheet HTML 35Page - NXP Semiconductors P89LPC954 Datasheet HTML 36Page - NXP Semiconductors P89LPC954 Datasheet HTML 37Page - NXP Semiconductors P89LPC954 Datasheet HTML 38Page - NXP Semiconductors P89LPC954 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
35 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
stop bit is not saved. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the CPU clock
frequency, as determined by the SMOD1 bit in PCON. The SMOD1 bit controls the Timer
1 output rate available to both UARTs.
7.19.4 Mode 3
11 bits are transmitted (through TXDn) or received (through RXDn): a start bit (logic 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). In fact, Mode 3 is
the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is variable
and is determined by the Timer 1 overflow rate or the Baud Rate Generator (described in
Section 7.19.5 “Baud rate generator and selection”).
7.19.5 Baud rate generator and selection
Each enhanced UART has an independent Baud Rate Generator. The baud rate is
determined by a baud-rate preprogrammed into the BRGR1_n and BRGR0_n SFRs
which together form a 16-bit baud rate divisor value that works in a similar manner as
Timer 1 but is much more accurate. If the baud rate generator is used, Timer 1 can be
used for other timing functions.
The UARTs can use either Timer 1 or their respective baud rate generator output (see
Figure 8). Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared.
The independent Baud Rate Generators use OSCCLK.
7.19.6 Framing error
Framing error is reported in the status register (SnSTAT). In addition, if SMOD0 (PCON.6)
is ‘1’, framing errors can be made available in SnCON.7 respectively. If SMOD0 is ‘0’,
SnCON.7 is SM0_n. It is recommended that SM0_n and SM1_n (SnCON.7:6) are set up
when SMOD0 is ‘0’.
7.19.7 Break detect
Break detect is reported in the status register (SnSTAT). A break is detected when
11 consecutive bits are sensed LOW. The break detect can be used to reset the device
and force the device into ISP mode.
7.19.8 Double buffering
The UART has a transmit double buffer that allows buffering of the next character to be
written to SnBUF while the first character is being transmitted. Double buffering allows
transmission of a string of characters with only one stop bit between any two characters,
as long as the next character is written between the start bit and the stop bit of the
previous character.
Fig 8.
Baud rate sources for UART (Modes 1, 3)
baud rate modes 1 and 3
SBRGS = 1
SBRGS = 0
SMOD1 = 0
SMOD1 = 1
timer 1 overflow
(PCLK-based)
baud rate generator
(CCLK-based)
002aaa897
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com