Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC954 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 43Page - NXP Semiconductors P89LPC954 Datasheet HTML 44Page - NXP Semiconductors P89LPC954 Datasheet HTML 45Page - NXP Semiconductors P89LPC954 Datasheet HTML 46Page - NXP Semiconductors P89LPC954 Datasheet HTML 47Page - NXP Semiconductors P89LPC954 Datasheet HTML 48Page - NXP Semiconductors P89LPC954 Datasheet HTML 49Page - NXP Semiconductors P89LPC954 Datasheet HTML 50Page - NXP Semiconductors P89LPC954 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
47 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
8.
ADC
8.1 General description
The P89LPC952/954 has a 10-bit, 8-channel multiplexed successive approximation ADC
module. A block diagram of the ADC is shown in Figure 17. The ADC consists of an
8-input multiplexer which feeds a sample-and-hold circuit providing an input signal to one
of two comparator inputs. The control logic in combination with the SAR drives a DAC
which provides the other input to the comparator. The output of the comparator is fed to
the SAR.
8.2 Features
I 10-bit, 8-channel multiplexed input, successive approximation ADC.
I Eight result register pairs.
I Six operating modes:
N Fixed channel, single conversion mode.
N Fixed channel, continuous conversion mode.
N Auto scan, single conversion mode.
N Auto scan, continuous conversion mode.
N Dual channel, continuous conversion mode.
N Single step mode.
I Three conversion start modes:
N Timer triggered start.
N Start immediately.
N Edge triggered.
I 10-bit conversion time of 4 µs at an A/D clock of 9 MHz.
I Interrupt or polled operation.
I High and low boundary limits interrupt; selectable in or out-of-range.
I Clock divider.
I Power-down mode.
8.3 Block diagram
Fig 17. ADC block diagram
+
–
comp
DAC0
SAR
8
INPUT
MUX
CONTROL
LOGIC
CCLK
002aab103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com