Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
21 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
10. Limiting values
[1]
Class C according to EIA/JESD22-A115.
[2]
Class 2 according to JESD22-A114.
11. Thermal characteristics
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VP
supply voltage
-
5.5
V
Vn
voltage on
pins VIF1, VIF2, SIF1, SIF2,
OP1, OP2, VP and FMPLL
0VP
V
pin TAGC
0
8.8
V
tsc
short-circuit time
to ground or VP
-10
s
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
TDA9885T (SO24),
TDA9885TS (SSOP24),
TDA9886T (SO24)
and TDA9886TS (SSOP24)
−20
+70
°C
TDA9885HN (HVQFN32)
and TDA9886HN (HVQFN32)
−20
+85
°C
Vesd
electrostatic discharge voltage machine model
[1]
−400
+400
V
human body model
[2]
−4000 +3500 V
Table 19.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA9885T (SO24)
76
K/W
TDA9885TS (SSOP24)
118
K/W
TDA9885HN (HVQFN32)
40
K/W
TDA9886T (SO24)
76
K/W
TDA9886TS (SSOP24)
118
K/W
TDA9886HN (HVQFN32)
40
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com