Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9885TS/V3 Datasheet HTML 1Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 2Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 3Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 4Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 5Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 6Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 7Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 8Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1.
General description
The TDA9885 is an alignment-free multistandard (PAL and NTSC) vision and sound
IF signal Phase-Locked Loop (PLL) demodulator for negative modulation only and
FM processing.
The TDA9886 is an alignment-free multistandard (PAL, SECAM and NTSC) vision and
sound IF signal PLL demodulator for positive and negative modulation, including sound
AM and FM processing.
2.
Features
I 5 V supply voltage
I Gain controlled wideband Vision Intermediate Frequency (VIF) amplifier, AC-coupled
I Multistandard true synchronous demodulation with active carrier regeneration: very
linear demodulation, good intermodulation figures, reduced harmonics, and excellent
pulse response
I Gated phase detector for L and L-accent standard
I Fully integrated VIF Voltage-Controlled Oscillator (VCO), alignment-free, frequencies
switchable for all negative and positive modulated standards via I2C-bus
I Digital acquisition help, VIF frequencies of 33.4 MHz, 33.9 MHz, 38.0 MHz, 38.9 MHz,
45.75 MHz and 58.75 MHz
I 4 MHz reference frequency input: signal from PLL tuning system or operating as
crystal oscillator
I VIF Automatic Gain Control (AGC) detector for gain control, operating as peak sync
detector for negative modulated signals and as a peak white detector for positive
modulated signals
I Precise fully digital Automatic Frequency Control (AFC) detector with 4-bit
digital-to-analog converter, AFC bits readable via I2C-bus
I TakeOver Point (TOP) adjustable via I2C-bus or alternatively with potentiometer
I Fully integrated sound carrier trap for 4.5 MHz, 5.5 MHz, 6.0 MHz and 6.5 MHz,
controlled by FM-PLL oscillator
I Sound IF (SIF) input for single reference Quasi Split Sound (QSS) mode, PLL
controlled
I SIF AGC for gain controlled SIF amplifier, single reference QSS mixer able to operate
in high performance single reference QSS mode and in intercarrier mode, switchable
via I2C-bus
I AM demodulator without extra reference circuit
I Alignment-free selective FM-PLL demodulator with high linearity and low noise
TDA9885; TDA9886
I2C-bus controlled single and multistandard alignment-free
IF-PLL demodulators
Rev. 03 — 16 December 2008
Product data sheet


Similar Part No. - TDA9885TS/V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9885TS/V3 PHILIPS-TDA9885TS/V3 Datasheet
248Kb / 56P
I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
More results

Similar Description - TDA9885TS/V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
Sep-2003
logo
NXP Semiconductors
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com