Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 3Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 4Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 5Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 6Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 7Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 8Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 9Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 10Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
7 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
TDA9885T
TDA9885TS
TDA9886T
TDA9886TS
TDA9885HN TDA9886HN
VIF1
1
1
30
30
VIF differential input 1
VIF2
2
2
31
31
VIF differential input 2
n.c.
-
-
32
32
not connected
OP1
3
3
1
1
output port 1; open-collector
FMPLL
4
4
2
2
FM PLL for loop filter
DEEM
5
5
3
3
de-emphasis output for capacitor
AFD
6
6
4
4
AF DC-decoupling capacitor
DGND
7
7
5
5
digital ground
n.c.
-
-
6
6
not connected
AUD
8
8
7
7
audio output
TOP
9
9
8
8
tuner AGC TOP for resistor adjustment
SDA
10109
9
I2C-bus data input and output
SCL
11
11
10
10
I2C-bus clock input
SIOMAD
12
12
11
11
sound intercarrier output and MAD select with resistor
n.c.
-
-
12
12
not connected
n.c.
13
13
13
13
not connected
n.c.
-
-
14
14
not connected
TAGC
14
14
15
15
tuner AGC output
REF
15
15
16
16
4 MHz crystal or reference signal input
VAGC
-
16
-
17
VIF AGC for capacitor
n.c.
16
-
17
-
not connected
CVBS
17
17
18
18
composite video output
n.c.
-
-
19
19
not connected
AGND
18
18
20
20
analog ground
VPLL
19
19
21
21
VIF PLL for loop filter
VP
20
20
22
22
supply voltage
AFC
21
21
23
23
AFC output
OP2
22
22
24
24
output port 2; open-collector
n.c.
-
-
25
25
not connected
SIF1
23
23
26
26
SIF differential input 1 and MAD select with resistor
SIF2
24
24
27
27
SIF differential input 2 and MAD select with resistor
n.c.
-
-
28
28
not connected
n.c.
-
-
29
29
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com