Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V5 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9885T/V5
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885T/V5 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9885T/V5 Datasheet HTML 27Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 28Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 29Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 30Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 31Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 32Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 33Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 34Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
31 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
FM operation[22][25]
Intercarrier AF performance[26]
S/NW
weighted signal-to-noise ratio
PC / SC ratio is 21 dB to
27 dB at pins VIF1 and
VIF2
black picture
50
56
-
dB
white picture
45
51
-
dB
6 kHz sine wave
(black-to-white
modulation)
40
46
-
dB
sound carrier
subharmonics;
f = 2.75 MHz
± 3 kHz
35
40
-
dB
Single reference QSS AF performance[27][28]
S/NW(SC1)
weighted signal-to-noise ratio for
SC1
PC/SC1 ratio at pins VIF1
and VIF2; 27 kHz (54 %
FM deviation);
“ITU-R BS.468-4”
40
--dB
black picture
53
58
-
dB
white picture
50
53
-
dB
6 kHz sine wave
(black-to-white
modulation)
44
48
-
dB
250 kHz square wave
(black-to-white
modulation)
40
45
-
dB
sound carrier
subharmonics;
f = 2.75 MHz
± 3 kHz
45
51
-
dB
sound carrier
subharmonics;
f = 2.87 MHz
± 3 kHz
46
52
-
dB
Table 20.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 22 for input frequencies; B/G standard is used for the specification (fPC = 38.9 MHz;
fSC = 33.4 MHz; PC / SC = 13 dB; fmod = 400 Hz); input level Vi(VIF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation DSB; residual carrier for B/G is 10 % and for
L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”; measurements taken in
test circuit of Figure 26; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com