Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V5 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9885T/V5
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885T/V5 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9885T/V5 Datasheet HTML 8Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 9Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 10Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 11Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 12Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 13Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 14Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 15Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
12 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
The QSS mixer output signal is fed internally via a high-pass and low-pass combination to
the FM demodulator as well as via an operational amplifier to the intercarrier output
pin SIOMAD.
8.12 AM demodulator
The amplitude modulated SIF amplifier output signal is fed both to a two-stage limiting
amplifier that removes the AM and to a linear multiplier. The result of the multiplication of
the SIF signal with the limiter output signal is AM demodulation (passive synchronous
demodulator). The demodulator output signal is fed via a low-pass filter that attenuates
the carrier harmonics and through the input amplifier of the SIF-AGC detector to the audio
amplifier.
8.13 FM demodulator and acquisition help
The narrowband FM-PLL detector consists of:
• Gain controlled FM amplifier and AGC detector
• Narrowband PLL
The 2nd SIF signal from the intercarrier mixer is fed to the input of an AC-coupled gain
controlled amplifier with two stages. The gain controlled output signal is fed to the phase
detector of the narrowband FM PLL (FM demodulator). For good selectivity and
robustness against disturbance caused by the video signal, a high linearity of the gain
controlled FM amplifier and of the phase detector as well as a constant signal level are
required. The gain control is done by means of an ‘in phase’ demodulator for the 2nd SIF
signal (from the output of the FM amplifier). The demodulation output is fed into a
comparator for charging or discharging the integrated AGC capacitor. This leads to a
mean value AGC loop to control the gain of the FM amplifier.
The FM demodulator is realized as a narrowband PLL with an external loop filter, which
provides the necessary selectivity (bandwidth approximately 100 kHz). To achieve good
selectivity, a linear phase detector and a constant input level are required. The gain
controlled intercarrier signal from the FM amplifier is fed to the phase detector. The phase
detector controls via the loop filter the integrated low radiation relaxation oscillator. The
designed frequency range is from 4 MHz to 7 MHz.
The VCO within the FM PLL is phase-locked to the incoming 2nd SIF signal, which is
frequency modulated. As well as this, the VCO control voltage is superimposed by the
AF voltage. Therefore, the VCO tracks with the FM of the 2nd SIF signal. So, the
AF voltage is present at the loop filter and is typically 5 mV (RMS) for 27 kHz
FM deviation. This AF signal is fed via a buffer to the audio amplifier.
The correct locking of the PLL is supported by the digital acquisition help circuit
(see Section 8.6).
8.14 Audio amplifier and mute time constant
The audio amplifier consists of two parts:
• AF preamplifier
• AF output amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com