Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885T/V5 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9885T/V5
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9885T/V5 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9885T/V5 Datasheet HTML 1Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 2Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 3Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 4Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 5Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 6Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 7Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 8Page - NXP Semiconductors TDA9885T/V5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TDA9885_TDA9886_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 16 December 2008
4 of 56
NXP Semiconductors
TDA9885; TDA9886
I2C-bus controlled multistandard alignment-free IF-PLL demodulators
[7]
Pin REF is able to operate as a 1-pin crystal oscillator input as well as an external reference signal input, e.g. from the tuning system.
5.
Ordering information
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA9885T/V3
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9885TS/V3
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9885HN/V3
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3
TDA9886T/V4
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9886TS/V4
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9886HN/V4
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3
TDA9885T/V5
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9885TS/V5
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9885HN/V5
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3
TDA9886T/V5
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA9886TS/V5
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9886HN/V5
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com