Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42L55 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 65Page - Cirrus Logic CS42L55 Datasheet HTML 66Page - Cirrus Logic CS42L55 Datasheet HTML 67Page - Cirrus Logic CS42L55 Datasheet HTML 68Page - Cirrus Logic CS42L55 Datasheet HTML 69Page - Cirrus Logic CS42L55 Datasheet HTML 70Page - Cirrus Logic CS42L55 Datasheet HTML 71Page - Cirrus Logic CS42L55 Datasheet HTML 72Page - Cirrus Logic CS42L55 Datasheet HTML 73Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
72
DS773F1
CS42L55
11.PACKAGE DIMENSIONS
(Unless otherwise specified, linear tolerance is ±0.05 mm, and angular tolerance is ±2 deg.)
1.
Controlling dimensions are in millimeters.
2.
Unless otherwise specified tolerance: Linear ±0.05 mm, Angular ±2 deg.
3.
Dimensioning and tolerances per ASME Y 14.5M-1994.
4.
Dimension lead width applies to the plated terminal and is measured 0.15 mm and 0.30 mm from the
terminal tip.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
Dim
MIN
NOM
MAX
MIN
NOM
MAX
A
0.01773
0.0197
0.45
-
0.50
1,3
A1
0.00000
0.00197
0.00
-
0.05
1,3
b
0.00591
0.00788
0.00985
0.15
0.20
0.25
1,3,4
e
0.01576
0.40 REF
1,3
D
0.19503
0.1970
0.19897
4.95
5.00
5.05
1,3
E
0.19503
0.1970
0.19897
4.95
5.00
5.05
1,3
D2
0.13593
0.1379
0.13987
3.45
3.50
3.55
1,3
E2
0.13593
0.1379
0.13987
3.45
3.50
3.55
1,3
L
0.01379
0.1576
0.01773
0.35
0.40
0.45
1,3
P1
0.00985
0.01182
0.01379
0.25
0.30
0.35
1,3
P2
0.00985
0.01182
0.01379
0.25
0.30
0.35
1,3
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
θJA
-
-
68
28
-
-
°C/Watt
°C/Watt
PIN #1
CORNER
L
A
A1
e
b
D2
E2
P1
P1
E
D
1.50 REF
P2
Pin #1 IDENTIFIER
LASER MARKING
P2
36L QFN (5 X 5 mm BODY) PACKAGE DRAWING (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com