Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42L55 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 20Page - Cirrus Logic CS42L55 Datasheet HTML 21Page - Cirrus Logic CS42L55 Datasheet HTML 22Page - Cirrus Logic CS42L55 Datasheet HTML 23Page - Cirrus Logic CS42L55 Datasheet HTML 24Page - Cirrus Logic CS42L55 Datasheet HTML 25Page - Cirrus Logic CS42L55 Datasheet HTML 26Page - Cirrus Logic CS42L55 Datasheet HTML 27Page - Cirrus Logic CS42L55 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
24
DS773F1
CS42L55
4.2.1
Pseudo-Differential Inputs
The CS42L55 implements a pseudo-differential input stage. The AINxREF inputs are intended to be used
as a pseudo-differential reference signal. This feature provides 0 noise rejection with single-ended sig-
nals. Figure 10 shows a basic diagram outlining the internal implementation of the pseudo-differential in-
put stage, including a recommended stereo pseudo-differential input topology. If pseudo-differential input
functionality is not required, simply leave the AINxREF pin floating.
4.2.2
Automatic Level Control (ALC)
When enabled, the ALC monitors the analog input signal after the digital attenuator. The ALC then detects
when peak levels exceed the maximum threshold settings and first lowers the PGA gain settings and then
increases the digital attenuation levels at a programmable attack rate and maintains the resulting level
below the maximum threshold.
When input signal levels fall below the minimum threshold, digital attenuation levels are decreased first
and the PGA gain is then increased at a programmable release rate and maintains the resulting level
above the minimum threshold.
Attack and release rates are affected by the ADC soft ramp/zero cross settings and sample rate, Fs. ALC
soft ramp and zero cross dependency may be independently enabled/disabled.
Recommended settings: Best level control may be realized with the fastest attack and slowest release
setting with soft ramp enabled in the control registers.
Notes:
1.
When ALC x is enabled and the PGAxVOL[5:0] is set to +12 dB, the ADCxATT[7:0] should not be set
below 0 dB.
2.
The maximum desired gain must be set in the PGAxVOL register. The ALC will only apply the gain
set in PGAxVOL.
3.
The ALC maintains the output signal between the MIN and MAX thresholds. As the input signal level
changes, the level-controlled output may not always be the same but will always fall between the
thresholds.
Referenced Control
Register Location
PGAxMUX ........................... “PGA x Input Select” on page 49
AIN1A
AIN1REF
27
26
//
//
PGAAMUX=’0'b
+
-
Left Input
GND
1 µF
1 µF
(differential traces)
AIN2B
AIN2REF
24
25
//
//
+
-
Right Input
GND
1 µF
1 µF
(differential traces)
PGA A
PGA B
PGABMUX=’1'b
common mode rejection at input of PGA reduces
external system noise
Figure 10. Stereo Pseudo-Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com