Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS42L55 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS42L55
Description  Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L55 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS42L55 Datasheet HTML 18Page - Cirrus Logic CS42L55 Datasheet HTML 19Page - Cirrus Logic CS42L55 Datasheet HTML 20Page - Cirrus Logic CS42L55 Datasheet HTML 21Page - Cirrus Logic CS42L55 Datasheet HTML 22Page - Cirrus Logic CS42L55 Datasheet HTML 23Page - Cirrus Logic CS42L55 Datasheet HTML 24Page - Cirrus Logic CS42L55 Datasheet HTML 25Page - Cirrus Logic CS42L55 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
22
DS773F1
CS42L55
4. APPLICATIONS
4.1
Overview
4.1.1
Basic Architecture
The CS42L55 is a highly integrated, ultra-low power, 24-bit audio CODEC comprised of stereo A/D and
D/A converters with pseudo-differential stereo input and output amplifiers. The ADC and DAC are de-
signed using multi-bit delta-sigma techniques; both converters operate at a low oversampling ratio of
64xFs, maximizing power savings while maintaining high performance. The CODEC operates in one of
three sample rate speed modes: Quarter, Half and Single. It accepts and is capable of generating serial
audio clocks (SCLK, LRCK) derived from a 12 or 6 MHz input Master Clock (MCLK). Designed with a very
low voltage digital core and low voltage Class H amplifiers (powered from an integrated low-dropout reg-
ulator and a step-down/inverting charge pump, respectively), the CS42L55 provides significant reduction
in overall power consumption.
4.1.2
Line Inputs
The analog input portion of the CODEC allows selection from two stereo line-level sources into a Pro-
grammable Gain Amplifier (PGA). The optional pseudo-differential configuration provides noise-rejection
for single-ended inputs.
4.1.3
Line and Headphone Outputs (Class H, Ground-Centered Amplifiers)
The analog output portion of the CODEC includes separate pseudo-differential headphone and line out
Class H amplifiers. An on-chip step-down/inverting charge pump creates a positive and negative voltage
equal to the input or one-half the input supply for the amplifiers, allowing an adaptable, full-scale output
swing centered around ground. The inverting architecture eliminates the need for large DC-blocking ca-
pacitors and allows the amplifier to deliver more power to headphone loads at lower supply voltages. The
step-down architecture allows the amplifier’s power supply to adapt to the required output signal. This
adaptive power supply scheme converts traditional Class AB amplifiers into more power-efficient Class H
amplifiers.
4.1.4
Fixed-Function DSP Engine
The fixed function digital signal processing engine processes both the PCM serial input data and ADC
output data allowing a mix between the two. Independent volume control, left/right channel swaps, mono
mixes, tone control comprise the DSP engine.
4.1.5
Beep Generator
The beep generator delivers tones at select frequencies across approximately two octave major scales.
With independent volume control, beeps may be configured to occur continuously, periodically or at single
time intervals.
4.1.6
Power Management
Several control registers and bits provide independent power down control of the ADC, PGA, DSP, head-
phone and line outputs, allowing operation in select applications with minimal power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com