Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS43L22 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 45Page - Cirrus Logic CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
DS792F1
49
CS43L22
Confidential Draft
10/7/08
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep frequency will scale directly with sample rate, Fs, but is fixed at the nominal Fs within each
speed mode.
7.15.2
Beep On Time
Sets the on duration of the beep signal.
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep on time will scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed
mode.
7.16
Beep Volume & Off Time (Address 1Dh)
7.16.1
Beep Off Time
Sets the off duration of the beep signal.
ONTIME[3:0]
On Time (Fs = 12, 24, 48 or 96 kHz)
0000
~86 ms
0001
~430 ms
0010
~780 ms
0011
~1.20 s
0100
~1.50 s
0101
~1.80 s
0110
~2.20 s
0111
~2.50 s
1000
~2.80 s
1001
~3.20 s
1010
~3.50 s
1011
~3.80 s
1100
~4.20 s
1101
~4.50 s
1110
~4.80 s
1111
~5.20 s
Application:
“Beep Generator” on page 23
7
6
5
432
10
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
OFFTIME[2:0]
Off Time (Fs = 48 or 96 kHz)
000
~1.23 s
001
~2.58 s
010
~3.90 s
011
~5.20 s
100
~6.60 s
101
~8.05 s
110
~9.35 s
111
~10.80 s
Application:
“Beep Generator” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com