Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48DV2B Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 7Page - Cirrus Logic CS48DV2B Datasheet HTML 8Page - Cirrus Logic CS48DV2B Datasheet HTML 9Page - Cirrus Logic CS48DV2B Datasheet HTML 10Page - Cirrus Logic CS48DV2B Datasheet HTML 11Page - Cirrus Logic CS48DV2B Datasheet HTML 12Page - Cirrus Logic CS48DV2B Datasheet HTML 13Page - Cirrus Logic CS48DV2B Datasheet HTML 14Page - Cirrus Logic CS48DV2B Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
DS875F1
Copyright 2008 Cirrus Logic
11
CONFIDENTIAL
5.4 Power Supply Characteristics
(Measurements performed under operating conditions)
5.5 Thermal Data (48-Pin LQFP)
1. Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20 % of the top &
bottom layers.
2. Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz. copper covering 20 % of the top &
bottom layers and 0.5-oz. copper covering 90 % of the internal power plane & ground plane layers.
3. To calculate the die temperature for a given power dissipation
T
j = Ambient Temperature + [ (Power Dissipation in Watts) * qja ]
4. To calculate the case temperature for a given power dissipation
T
c = Tj - [ (Power Dissipation in Watts) * y jt ]
Parameter
Min
Typ
Max
Unit
Operational Power Supply Current:
VDD: Core and I/O operating1
VDDA: PLL operating
VDDIO: With most ports operating
Total Operational Power Dissipation:
Standby Power Supply Current:
VDD: Core and I/O not clocked
VDDA: PLL halted
VDDIO: All connected I/O pins 3-stated by other ICs in system
Total Standby Power Dissipation:
1. Dependent on application firmware and DSP clock speed.
-
-
-
-
-
-
-
203
8
27
480
100
1
50
348
-
-
-
-
-
-
-
mA
mA
mA
mW
μA
μA
μA
μW
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
63.5
54
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board3
Four-layer Board4
ψ
jt
-
-
0.70
0.64
-
-
°C / Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com