Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48DV2B Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 14Page - Cirrus Logic CS48DV2B Datasheet HTML 15Page - Cirrus Logic CS48DV2B Datasheet HTML 16Page - Cirrus Logic CS48DV2B Datasheet HTML 17Page - Cirrus Logic CS48DV2B Datasheet HTML 18Page - Cirrus Logic CS48DV2B Datasheet HTML 19Page - Cirrus Logic CS48DV2B Datasheet HTML 20Page - Cirrus Logic CS48DV2B Datasheet HTML 21Page - Cirrus Logic CS48DV2B Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
18
Copyright 2008 Cirrus Logic
DS875F1
CONFIDENTIAL
5.13 Switching Characteristics — Digital Audio Slave Input Port
Figure 7. Digital Audio Input (DAI) Port Timing Diagram
5.14 Switching Characteristics — DSD Slave Input Port
Figure 8. Direct Stream Digital - Serial Audio Input Timing
Parameter
Symbol
Min
Max
Unit
DAI_SCLK period
Tdaiclkp
40
-
ns
DAI_SCLK duty cycle
-
45
55
%
Setup time DAI_DATAn
tdaidsu
10
-
ns
Hold time DAI_DATAn
tdaidh
5-
ns
Parameter
Symbol
Min
Typ
Max
Unit
DSD_SCLK Pulse Width Low
tsclkl
78
-
-
ns
DSD_SCLK Pulse Width High
tsclkh
78
-
-
ns
DSD_SCLK Frequency
(64x Oversampled)
-
1.024
-
3.2
MHz
DSD_A / _B valid to DSD_SCLK rising setup time
tsdlrs
20
-
-
ns
DSD_SCLK rising to DSD_A or DSD_B hold time
tsdh
20
-
-
ns
DAI_SCLK
DAI_DATAn
tdaidh
tdaidsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com