Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS48DV2B Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS48DV2B
Description  32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48DV2B Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS48DV2B Datasheet HTML 18Page - Cirrus Logic CS48DV2B Datasheet HTML 19Page - Cirrus Logic CS48DV2B Datasheet HTML 20Page - Cirrus Logic CS48DV2B Datasheet HTML 21Page - Cirrus Logic CS48DV2B Datasheet HTML 22Page - Cirrus Logic CS48DV2B Datasheet HTML 23Page - Cirrus Logic CS48DV2B Datasheet HTML 24Page - Cirrus Logic CS48DV2B Datasheet HTML 25Page - Cirrus Logic CS48DV2B Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
CS48DV2B Data Sheet
32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby
24
Copyright 2008 Cirrus Logic
DS875F1
CONFIDENTIAL
8.2 48-pin LQFP Package Drawing
Figure 12. 48-Pin LQFP Package Drawing
48 LD LQFP (7x7x1.4 mm body)
Number of Leads
48
MIN
NOM
MAX
A1.60
A1
0.05
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
D9.00 BSC
D1
7.00 BSC
e0.50 BSC
E9.00 BSC
E1
7.00 BSC
theta
0
7
L
0.45
0.60
0.75
L1
1.00 REF
NOTES:
1) Reference document: JEDEC MS-026
2) All dimensions are in millimeters and controlling dimension is in millimeters.
3) D1 and E1 do not include mold flash which is 0.25 mm max. per side.A1
4) Dimension b does not include a total allowable dambar protrusion of 0.08 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com