Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 42Page - Cirrus Logic CS5378_08 Datasheet HTML 43Page - Cirrus Logic CS5378_08 Datasheet HTML 44Page - Cirrus Logic CS5378_08 Datasheet HTML 45Page - Cirrus Logic CS5378_08 Datasheet HTML 46Page - Cirrus Logic CS5378_08 Datasheet HTML 47Page - Cirrus Logic CS5378_08 Datasheet HTML 48Page - Cirrus Logic CS5378_08 Datasheet HTML 49Page - Cirrus Logic CS5378_08 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
CS5378
DS639F2
46
FIR1 – Single stage, fixed decimate by 4
Coefficient set 0: linear phase decimate by 4, 48 coefficients
Coefficient set 1: minimum phase decimate by 4, 48 coefficients
SINC droop compensation filter
FIR2 – Single stage, fixed decimate by 2
Coefficient set 0: linear phase decimate by 2, 126 coefficients
Coefficient set 1: minimum phase decimate by 2, 126 coefficients
Brick wall low-pass filter, flat to 40% fs
Combined SINC + FIR digital filter specifications
Passband ripple less than +/- 0.01 dB below 40% fs
Transition band -3 dB frequency at 42.89% fs
Stopband attenuation greater than 130 dB above 50% fs
Figure 26. FIR Filter Stages
SINC + FIR filters
FIR2
Output
Word
Rate
SINC
Deci-
mation
FIR1
Deci-
mation
FIR2
Deci-
mation
Total
Deci-
mation
Passband
Ripple
(
± dB)
Stopband
Atten-
uation
(dB)
4000
16
4
2
128
0.0042
130.38
2000
32
4
2
256
0.0045
130.38
1000
64
4
2
512
0.0040
130.42
500
128
4
2
1024
0.0041
130.42
333
192
4
2
1536
0.0080
130.45
250
256
4
2
2048
0.0064
130.43
200
320
4
2
2560
0.0043
130.44
125
512
4
2
4096
0.0046
130.42
100
640
4
2
5120
0.0040
130.43
50
1280
4
2
10240
0.0040
130.43
40
1600
4
2
12800
0.0040
130.44
25
2560
4
2
20480
0.0040
132.98
20
3200
4
2
25600
0.0036
130.43
10
6400
4
2
51200
0.0036
130.43
5
12800
4
2
102400
0.0036
130.43
1
64000
4
2
512000
0.0029
134.31
Table 14. FIR Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com