Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 53Page - Cirrus Logic CS5378_08 Datasheet HTML 54Page - Cirrus Logic CS5378_08 Datasheet HTML 55Page - Cirrus Logic CS5378_08 Datasheet HTML 56Page - Cirrus Logic CS5378_08 Datasheet HTML 57Page - Cirrus Logic CS5378_08 Datasheet HTML 58Page - Cirrus Logic CS5378_08 Datasheet HTML 59Page - Cirrus Logic CS5378_08 Datasheet HTML 60Page - Cirrus Logic CS5378_08 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
CS5378
DS639F2
57
and a maximum negative value of 0x800000. If ap-
plying an offset correction causes the final result to
exceed a 24-bit two’s complement maximum, the
output data will saturate to that maximum value.
Output Data = Input Data - Offset Correction
Max Positive Output Value = 0x7FFFFF
Max Negative Output Value = 0x800000
Once the OFFSET register is written, the USEOR
bit in the FILTCFG register enables offset correc-
tion.
15.3 Offset Calibration
An offset calibration algorithm in the CS5378 can
automatically calculate an offset correction value.
When using the offset calibration algorithm, back-
ground noise data should be used as the input signal
for calculating the offset of the measurement chan-
nel.
The offset calibration algorithm is an exponential
averaging function that places increased weight on
more recent digital filter data. The exponential
weighting factor is set by the EXP bits in the
FILTCFG register, with larger exponent values
producing a smoother averaging function that re-
quires a longer settling time, and smaller values
producing a noisier averaging function that re-
quires a shorter settling time. Typical exponential
values range from 0x05 to 0x0F, depending on the
available settling time.
The characteristic equations of the offset calibra-
tion algorithm include an input value, X, an output
value, Y, a summation value, YSUM, a sample in-
dex, n, and an exponential value, EXP.
Y(n) = X(n) - [YSUM(n-1) >> EXP]
YSUM(n) = Y(n) + YSUM(n-1)
Offset Correction = YSUM >> EXP
Once the EXP bits are written, the ORCAL bit in
the FILTCFG register is set to enable offset calibra-
tion. When enabled, an updated offset correction
value is automatically written to the OFFSET reg-
ister. When the offset calibration algorithm is fully
settled, the ORCAL bit should be cleared to main-
tain the final value in the OFFSET register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com