Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 8Page - Cirrus Logic CS5378_08 Datasheet HTML 9Page - Cirrus Logic CS5378_08 Datasheet HTML 10Page - Cirrus Logic CS5378_08 Datasheet HTML 11Page - Cirrus Logic CS5378_08 Datasheet HTML 12Page - Cirrus Logic CS5378_08 Datasheet HTML 13Page - Cirrus Logic CS5378_08 Datasheet HTML 14Page - Cirrus Logic CS5378_08 Datasheet HTML 15Page - Cirrus Logic CS5378_08 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
CS5378
DS639F2
12
2. CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
•
Typical performance characteristics and specifications are derived from measurements taken at nomi-
nal supply voltages and TA = 25°C.
•
GND, GND1, GND2 = 0 V, all voltages with respect to 0 V.
SPECIFIED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
1. Transient currents up to 100 mA will not cause SCR latch-up.
Parameter
Symbol
Min
Nom
Max
Unit
Logic Core Power Supply
VDDCORE
2.375
2.5
5.25
V
PLL Power Supply
VDDPLL
3.135
3.3
5.25
V
I/O Power Supply
VDDPAD
3.135
3.3
5.25
V
Ambient Operating Temperature
Industrial (-IQ)
TA
-40
-
85
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies
Logic Core
PLL
I/O
VDDCORE
VDDPLL
VDDPAD
-0.3
-0.3
-0.3
6.0
6.0
6.0
V
V
V
Input Current, Any Pin Except Supplies
(Note 1)
IIN
-±10
mA
Input Current, Power Supplies
(Note 1)
IIN
-±50
mA
Output Current
(Note 1)
IOUT
-±25
mA
Power Dissipation
PDN
-500
mW
Digital Input Voltages
VIND
-0.3
VDD+0.3
V
Ambient Operating Temperature (Power Applied)
TA
-40
85
°C
Storage Temperature Range
TSTG
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com