Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5463 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5463_08 Datasheet HTML 14Page - Cirrus Logic CS5463_08 Datasheet HTML 15Page - Cirrus Logic CS5463_08 Datasheet HTML 16Page - Cirrus Logic CS5463_08 Datasheet HTML 17Page - Cirrus Logic CS5463_08 Datasheet HTML 18Page - Cirrus Logic CS5463_08 Datasheet HTML 19Page - Cirrus Logic CS5463_08 Datasheet HTML 20Page - Cirrus Logic CS5463_08 Datasheet HTML 21Page - Cirrus Logic CS5463_08 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
CS5463
18
DS678F2
The pulse output frequency of E1 is directly proportional
to the active power calculated from the input signals. To
calculate the output frequency of E1, the following trans-
fer function can be utilized:
With MCLK = 4.096 MHz, PF = 1, and default settings,
the pulses will have an average frequency equal to the
frequency specified by PulseRate when the input sig-
nals applied to the voltage and current channels cause
full-scale readings in the instantaneous voltage and cur-
rent registers. The maximum pulse frequency from the
E1 pin is (MCLK/K)/2048.
5.5.2 Apparent Energy Mode
Pin E2 outputs apparent energy pulses when the Oper-
ational Mode Register
bit E2MODE = 1. Pin E3 outputs
apparent energy pulses when the Operational Mode
Register
bits E3MODE[1:0] = 3 (11b). Figure 6 illus-
trates the pulse output format with apparent energy on
E2 (E2MODE = 1 and E3MODE[1:0] = 0)
The pulse output frequency of E2 (and/or E3) is directly
proportional to the apparent power calculated from the
input signals. Since apparent power is without reference
to an impedance phase angle, the following transfer
function can be utilized to calculate the output frequency
on E2 (and/or E3).
With MCLK = 4.096 MHz and default settings, the puls-
es will have an average frequency equal to the frequen-
cy specified by PulseRate when the input signals
applied to the voltage and current channels cause
full-scale readings in the instantaneous voltage and cur-
rent registers. The maximum pulse frequency from the
E2 (and/or E3) pin is (MCLK/K)/2048. The E2 (and/or
E3) pin outputs apparent energy, but has no energy di-
rection indicator.
5.5.3 Reactive Energy Mode
Reactive energy pulses are output on pin E3 by setting
bit E3MODE[1:0] = 0 (default) in the Operational Mode
Register
. Positive reactive energy is registered by E3
falling when E2 is high. Negative reactive energy is reg-
istered by E3 falling when E2 is low. Figure 5 on
page 17 illustrates the pulse output format with negative
reactive energy output on pin E3 and the sign of the en-
ergy on E2. The E3 and E2 pulse output switching char-
acteristics are specified in Figure 2 on page 13.
The pulse output frequency of E3 is directly proportional
to the reactive power calculated from the input signals.
To calculate the output frequency on E3, the following
transfer function can be utilized:
With MCLK = 4.096 MHz, PF = 0 and default settings,
the pulses will have an average frequency equal to the
frequency specified by PulseRate when the input sig-
nals applied to the voltage and current channels cause
full-scale readings in the instantaneous voltage and cur-
rent registers. The maximum pulse frequency from the
E1 pin is (MCLK/K)/2048.
5.5.4 Voltage Channel Sign Mode
Setting bits E3MODE[1:0] = 2 (10b) in the Operational
Mode Register
outputs the sign of the voltage channel
on pin E3. Figure 7 illustrates the output format with volt-
age channel sign on E3
FREQP = Average frequency of active energy E1 pulses [Hz]
VIN = rms voltage across VIN+ and VIN- [V]
VGAIN = Voltage channel gain
IIN = rms voltage across IIN+ and IIN- [V]
IGAIN = Current channel gain
PF = Power Factor
PulseRate = PulseRateE x (MCLK/K)/2048 [Hz]
VREFIN = Voltage at VREFIN pin [V]
FREQ
P
VIN
VGAIN
×
IIN
×
IGAIN
PF
PulseRate
×
×
×
VREFIN
2
---------------------------------------------------------------------------------------------------------------------------------
=
E3
E2
E1
Figure 6. Apparent energy pulse outputs
FREQS = Average frequency of apparent energy E2 and/or E3 pulses [Hz]
VIN = rms voltage across VIN+ and VIN- [V]
VGAIN = Voltage channel gain
IIN = rms voltage across IIN+ and IIN- [V]
IGAIN = Current channel gain
PulseRate = PulseRateE x (MCLK/K)/2048 [Hz]
VREFIN = Voltage at VREFIN pin [V]
FREQ
S
VIN
VGAIN
×
IIN
×
IGAIN
PulseRate
×
×
VREFIN
2
------------------------------------------------------------------------------------------------------------------
=
FREQQ = Average frequency of reactive energy E3 pulses [Hz]
VIN = rms voltage across VIN+ and VIN- [V]
VGAIN = Voltage channel gain
IIN = rms voltage across IIN+ and IIN- [V]
IGAIN = Current channel gain
PQ =
PulseRate = PulseRateE x (MCLK/K)/2048 [Hz]
VREFIN = Voltage at VREFIN pin [V]
FREQ
Q
VIN
VGAIN
×
IIN
×
IGAIN
PQ
PulseRate
×
×
×
VREFIN
2
----------------------------------------------------------------------------------------------------------------------------------
=
1PF
2
–
E3
E2
E1
Figure 7. Voltage Channel Sign Pulse outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com