Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5463 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5463_08 Datasheet HTML 19Page - Cirrus Logic CS5463_08 Datasheet HTML 20Page - Cirrus Logic CS5463_08 Datasheet HTML 21Page - Cirrus Logic CS5463_08 Datasheet HTML 22Page - Cirrus Logic CS5463_08 Datasheet HTML 23Page - Cirrus Logic CS5463_08 Datasheet HTML 24Page - Cirrus Logic CS5463_08 Datasheet HTML 25Page - Cirrus Logic CS5463_08 Datasheet HTML 26Page - Cirrus Logic CS5463_08 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
CS5463
DS678F2
23
5.16 Commands
All commands are 8 bits in length. Any command byte value that is not listed in this section is invalid. Commands
that write to registers must be followed by 3 bytes of data. Commands that read data can be chained with other com-
mands (e.g., while reading data, a new command can be sent which can execute during the original read). All com-
mands except register reads, register writes, and SYNC0 & SYNC1 will abort any currently executing commands.
5.16.1 Start Conversions
Initiates acquiring measurements and calculating results. The device has two modes of acquisition.
C3
Modes of acquisition/measurement
0 = Perform a single computation cycle
1 = Perform continuous computation cycles
5.16.2 SYNC0 and SYNC1
The serial port can be initialized by asserting CS or by sending three or more consecutive SYNC1 commands fol-
lowed by a SYNC0 command. The SYNC0 or SYNC1 can also be sent while sending data out.
SYNC
0 = Last byte of a serial port re-initialization sequence.
1 = Used during reads and serial port initialization.
5.16.3 Power-up/Halt
If the device is powered-down, Power-Up/Halt will initiate a power on reset. If the part is already powered-on, all
computations will be halted.
5.16.4 Power-down and Software Reset
To conserve power the CS5463 has two power-down states. In stand-by state all circuitry, except the analog/digital
clock generators, is turned off. In the sleep state all circuitry, except the command decoder, is turned off. Bringing
the CS5463 out of sleep state requires more time than out of stand-by state, because of the extra time needed to
re-start and re-stabilize the analog oscillator.
S[1:0]
Power-down state
00 = Software Reset
01 = Halt and enter stand-by power saving state. This state allows quick power-on
10 = Halt and enter sleep power saving state.
11 = Reserved
B7
B6
B5
B4
B3
B2
B1
B0
1110
C3
000
B7
B6
B5
B4
B3
B2
B1
B0
1111111
SYNC
B7
B6
B5
B4
B3
B2
B1
B0
10100000
B7
B6
B5
B4
B3
B2
B1
B0
100
S1
S0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com