Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5463 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5463_08 Datasheet HTML 20Page - Cirrus Logic CS5463_08 Datasheet HTML 21Page - Cirrus Logic CS5463_08 Datasheet HTML 22Page - Cirrus Logic CS5463_08 Datasheet HTML 23Page - Cirrus Logic CS5463_08 Datasheet HTML 24Page - Cirrus Logic CS5463_08 Datasheet HTML 25Page - Cirrus Logic CS5463_08 Datasheet HTML 26Page - Cirrus Logic CS5463_08 Datasheet HTML 27Page - Cirrus Logic CS5463_08 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
CS5463
24
DS678F2
5.16.5 Register Read/Write
The Read/Write informs the command decoder that a register access is required. During a read operation, the ad-
dressed register is loaded into an output buffer and clocked out by SCLK. During a write operation, the data is
clocked into an input buffer and transferred to the addressed register upon completion of the 24th SCLK.
W/R
Write/Read control
0 = Read
1 = Write
RA[4:0]
Register address bits (bits 5 through 1) of the read/write command.
Register Page 0
Address
RA[4:0]
Name
Description
0
00000
Config
Configuration
1
00001
I
DCoff
Current DC Offset
2
00010
I
gn
Current Gain
3
00011
V
DCoff
Voltage DC Offset
4
00100
V
gn
Voltage Gain
5
00101
Cycle Count
Number of A/D conversions used in one computation cycle (N)).
6
00110
PulseRateE
Sets the E1, E2 and E3 energy-to-frequency output pulse rate.
7
00111
I
Instantaneous Current
8
01000
V
Instantaneous Voltage
9
01001
P
Instantaneous Power
10
01010
P
Active
Active (Real) Power
11
01011
I
RMS
RMS Current
12
01100
V
RMS
RMS Voltage
13
01101
ε (Epsilon)
Ratio of line frequency to output word rate (OWR)
14
01110
P
off
Power Offset
15
01111
Status
Status
16
10000
I
ACoff
Current AC (RMS) Offset
17
10001
V
ACoff
Voltage AC (RMS) Offset
18
10010
Mode
Operation Mode
19
10011
T
Temperature
20
10100
Q
AVG
Average Reactive Power
21
10101
Q
Instantaneous Reactive Power
22
10110
I
Peak
Peak Current
23
10111
V
Peak
Peak Voltage
24
11000
Q
Trig
Reactive Power calculated from Power Triangle
25
11001
PF
Power Factor
26
11010
Mask
Interrupt Mask
27
11011
S
Apparent Power
28
11100
Ctrl
Control
29
11101
P
H
Harmonic Active Power
30
11110
P
F
Fundamental Active Power
31
11111
Q
F
Fundamental Reactive Power / Page
Note: For proper operation, do not attempt to write to unspecified registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com