Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3254A Datasheet(PDF) 78 Page - STMicroelectronics

Part # UPSD3254A
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3254A Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UPSD3254A Datasheet HTML 74Page - STMicroelectronics UPSD3254A Datasheet HTML 75Page - STMicroelectronics UPSD3254A Datasheet HTML 76Page - STMicroelectronics UPSD3254A Datasheet HTML 77Page - STMicroelectronics UPSD3254A Datasheet HTML 78Page - STMicroelectronics UPSD3254A Datasheet HTML 79Page - STMicroelectronics UPSD3254A Datasheet HTML 80Page - STMicroelectronics UPSD3254A Datasheet HTML 81Page - STMicroelectronics UPSD3254A Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
78/175
I2C INTERFACE
There are two serial I2C ports implemented in the
uPSD325X devices.
The serial port supports the twin line I2C-bus, con-
sists of a data line (SDAx) and a clock line (SCLx).
Depending on the configuration, the SDA and SCL
lines may require pull-up resistors.
s
SDA1, SCL1: the serial port line for DDC
Protocol
s
SDA2, SCL2: the serial port line for general I2C
bus connection
In both I2C interfaces, these lines also function as
I/O port lines as follows.
s
SDA1 / P4.0, SCL1 / P4.1, SDA2 / P3.6, SCL2 /
P3.7
The system is unique because data transport,
clock generation, address recognition and bus
control arbitration are all controlled by hardware.
The I2C serial I/O has complete autonomy in byte
handling and operates in 4 modes.
s
Master transmitter
s
Master receiver
s
Slave transmitter
s
Slave receiver
These functions are controlled by the SFRs.
s
SxCON: the control of byte handling and the
operation of 4 mode.
s
SxSTA: the contents of its register may also be
used as a vector to various service routines.
s
SxDAT: data shift register.
s
SxADR: slave address register. Slave address
recognition is performed by On-Chip H/W.
Figure 39. Block Diagram of the I2C Bus Serial I/O
AI06649
SCLx
SDAx
Bus Clock Generator
Arbitration and Sync. Logic
Shift Register
Status Register
70
Slave Address
70
Control Register
70
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com