| Electronic Components Datasheet Search |
|
UPSD3254A Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3254A Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 175 page ![]() 25/175 UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV Data Transfers Internal RAM. Table 6 shows the menu of in- structions that are available for moving data around within the internal memory spaces, and the addressing modes that can be used with each one. The MOV <dest>, <src> instruction allows data to be transferred between any two internal RAM or SFR locations without going through the Accumulator. Remember, the Upper 128 bytes of data RAM can be accessed only by indirect ad- dressing, and SFR space only by direct address- ing. Note: In uPSD325X devices, the stack resides in on-chip RAM, and grows upwards. The PUSH in- struction first increments the Stack Pointer (SP), then copies the byte into the stack. PUSH and POP use only direct addressing to identify the byte being saved or restored, but the stack itself is ac- cessed by indirect addressing using the SP regis- ter. This means the stack can go into the Upper 128 bytes of RAM, if they are implemented, but not into SFR space. The Data Transfer instructions include a 16-bit MOV that can be used to initialize the Data Pointer (DPTR) for look-up tables in Program Memory. The XCH A, <byte> instruction causes the Accu- mulator and ad-dressed byte to exchange data. The XCHD A, @Ri instruction is similar, but only the low nibbles are involved in the exchange. To see how XCH and XCHD can be used to facilitate data manipulations, consider first the problem of shifting and 8-digit BCD number two digits to the right. Table 8 shows how this can be done using XCH instructions. To aid in understanding how the code works, the contents of the registers that are holding the BCD number and the content of the Accumulator are shown alongside each instruction to indicate their status after the instruction has been executed. After the routine has been executed, the Accumu- lator contains the two digits that were shifted out on the right. Doing the routine with direct MOVs uses 14 code bytes. The same operation with XCHs uses only 9 bytes and executes almost twice as fast. To right-shift by an odd number of digits, a one-digit must be executed. Table 9 shows a sample of code that will right-shift a BCD number one digit, using the XCHD instruction. Again, the contents of the registers holding the number and of the accumulator are shown along- side each instruction. Table 6. Data Transfer Instructions that Access Internal Data Memory Space Mnemonic Operation Addressing Modes Dir. Ind. Reg. Imm MOV A,<src> A = <src> XXXX MOV <dest>,A <dest> = A X X X MOV <dest>,<src> <dest> = <src> XXXX MOV DPTR,#data16 DPTR = 16-bit immediate constant X PUSH <src> INC SP; MOV “@SP”,<src> X POP <dest> MOV <dest>,”@SP”; DEC SP X XCH A,<byte> Exchange contents of A and <byte> X X X XCHD A,@Ri Exchange low nibbles of A and @Ri X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |