Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1502ASL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1502ASL
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1502ASL Datasheet HTML 6Page - ATMEL Corporation ATF1502ASL Datasheet HTML 7Page - ATMEL Corporation ATF1502ASL Datasheet HTML 8Page - ATMEL Corporation ATF1502ASL Datasheet HTML 9Page - ATMEL Corporation ATF1502ASL Datasheet HTML 10Page - ATMEL Corporation ATF1502ASL Datasheet HTML 11Page - ATMEL Corporation ATF1502ASL Datasheet HTML 12Page - ATMEL Corporation ATF1502ASL Datasheet HTML 13Page - ATMEL Corporation ATF1502ASL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
ATF1502AS(L)
0995K–PLD–6/05
PCI Compliance
The ATF1502AS also supports the growing need in the industry to support the new Peripheral
Component Interconnect (PCI) interface standard in PCI-based designs and specifications.
The PCI interface calls for high current drivers, which are much larger than the traditional TTL
drivers. In general, PLDs and FPGAs parallel outputs to support the high current load required
by the PCI interface. The ATF1502AS allows this without contributing to system noise while
delivering low output to output skew. Having a programmable high drive option is also possible
without increasing output delay or pin capacitance. The PCI electrical characteristics appear
on the next page.
PCI Voltage-to-
current Curves
for +5V
Signaling in
Pull-up Mode
PCI Voltage-to-
current Curves
for +5V
Signaling in
Pull-down Mode
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3,6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com