Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1502ASL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATF1502ASL
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATF1502ASL Datasheet HTML 11Page - ATMEL Corporation ATF1502ASL Datasheet HTML 12Page - ATMEL Corporation ATF1502ASL Datasheet HTML 13Page - ATMEL Corporation ATF1502ASL Datasheet HTML 14Page - ATMEL Corporation ATF1502ASL Datasheet HTML 15Page - ATMEL Corporation ATF1502ASL Datasheet HTML 16Page - ATMEL Corporation ATF1502ASL Datasheet HTML 17Page - ATMEL Corporation ATF1502ASL Datasheet HTML 18Page - ATMEL Corporation ATF1502ASL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
ATF1502AS(L)
0995K–PLD–6/05
AC Characteristics (1)
Symbol
Parameter
-7
-10
-15
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
tPD1
Input or Feedback to Non-registered Output
7.5
10
3
15
25
ns
t
PD2
I/O Input or Feedback to Non-registered
Feedback
79
3
12
25
ns
tSU
Global Clock Setup Time
6
7
11
20
ns
t
H
Global Clock Hold Time
0
0
0
0
ns
tFSU
Global Clock Setup Time of Fast Input
3
3
3
5
ns
tFH
Global Clock Hold Time of Fast Input
0.5
0.5
1
2
MHz
t
COP
Global Clock to Output Delay
4.5
5
8
13
ns
tCH
Global Clock High Time
3
4
5
7
ns
tCL
Global Clock Low Time
3
4
5
7
ns
t
ASU
Array Clock Setup Time
3
3
4
5
ns
tAH
Array Clock Hold Time
2
3
4
6
ns
tACOP
Array Clock Output Delay
7.5
10
15
25
ns
t
ACH
Array Clock High Time
3
4
6
10
ns
tACL
Array Clock Low Time
3
4
6
10
ns
tCNT
Minimum Clock Global Period
8
10
13
22
ns
f
CNT
Maximum Internal Global Clock Frequency
125
100
76.9
50
MHz
tACNT
Minimum Array Clock Period
8
10
13
22
ns
f
ACNT
Maximum Internal Array Clock Frequency
125
100
76.9
50
MHz
f
MAX
Maximum Clock Frequency
166.7
125
100
60
MHz
tIN
Input Pad and Buffer Delay
0.5
0.5
2
2
ns
t
IO
I/O Input Pad and Buffer Delay
0.5
0.5
2
2
ns
t
FIN
Fast Input Delay
1
1
2
2
ns
tSEXP
Foldback Term Delay
4
5
8
12
ns
t
PEXP
Cascade Logic Delay
0.8
0.8
1
2
ns
t
LAD
Logic Array Delay
3
5
6
8
ns
tLAC
Logic Control Delay
3
5
6
8
ns
t
IOE
Internal Output Enable Delay
2
2
3
4
ns
t
OD1
Output Buffer and Pad Delay
(Slow slew rate = OFF;
V
CC = 5V; CL = 35 pF)
21.5
4
6
ns
tZX1
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 5.0V; CL = 35 pF)
4.0
5.0
7
10
ns
tZX2
Output Buffer Enable Delay
(Slow slew rate = OFF;
V
CCIO = 3.3V; CL = 35 pF)
4.5
5.5
7
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com