Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1502ASL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1502ASL
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1502ASL Datasheet HTML 7Page - ATMEL Corporation ATF1502ASL Datasheet HTML 8Page - ATMEL Corporation ATF1502ASL Datasheet HTML 9Page - ATMEL Corporation ATF1502ASL Datasheet HTML 10Page - ATMEL Corporation ATF1502ASL Datasheet HTML 11Page - ATMEL Corporation ATF1502ASL Datasheet HTML 12Page - ATMEL Corporation ATF1502ASL Datasheet HTML 13Page - ATMEL Corporation ATF1502ASL Datasheet HTML 14Page - ATMEL Corporation ATF1502ASL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
ATF1502AS(L)
0995K–PLD–6/05
Note:
1. Leakage current is with pin-keeper off.
Notes:
1. Equation A: I
OH = 11.9 (VOUT - 5.25) * (VOUT + 2.45) for VCC > VOUT > 3.1V.
2. Equation B: IOL = 78.5 * VOUT * (4.4 - VOUT) for 0V < VOUT < 0.71V.
PCI DC Characteristics (Preliminary)
Symbol
Parameter
Conditions
Min
Max
Units
V
CC
Supply Voltage
4.75
5.25
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
IL
Input Low Voltage
-0.5
0.8
V
IIH
Input High Leakage Current(1)
VIN = 2.7V
70
µA
IIL
Input Low Leakage Current(1)
VIN = 0.5V
-70
µA
V
OH
Output High Voltage
I
OUT = -2 mA
2.4
V
VOL
Output Low Voltage
IOUT = 3 mA, 6 mA
0.55
V
CIN
Input Pin Capacitance
10
pF
C
CLK
CLK Pin Capacitance
12
pF
CIDSEL
IDSEL Pin Capacitance
8
pF
LPIN
Pin Inductance
20
nH
PCI AC Characteristics (Preliminary)
Symbol
Parameter
Conditions
Min
Max
Units
IOH(AC)
Switching
Current High
(Test High)
0 < VOUT ≤ 1.4
-44
mA
1.4 < V
OUT < 2.4
-44 + (V
OUT - 1.4)
/0.024
mA
3.1 < VOUT < VCC
Equation A
mA
V
OUT = 3.1V
-142
µA
I
OL(AC)
Switching
Current Low
(Test Point)
V
OUT >2.2V
95
mA
2.2 > VOUT > 0
VOUT/0.023
mA
0.1 > V
OUT > 0
Equation B
mA
V
OUT = 0.71
206
mA
ICL
Low Clamp Current
-5 < VIN ≤ -1
-25 + (VIN + 1)
/0.015
mA
SLEW
R
Output Rise Slew Rate
0.4V to 2.4V load
1
5
V/ns
SLEWF
Output Fall Slew Rate
2.4V to 0.4V load
1
5
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com