Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RD2-RDTUM Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 107Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 108Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 109Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 110Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 111Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 112Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 113Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 137 page
background image
111
4235K–8051–05/08
AT89C51RD2/ED2
03h
Write Function
01h
00h
Erase block0 (0000h-1FFFh)
20h
Erase block1 (2000h-3FFFh)
40h
Erase block2 (4000h-7FFFh)
80h
Erase block3 (8000h- BFFFh)
C0h
Erase block4 (C000h- FFFFh)
03h
00h
Hardware Reset
04h
00h
Erase SBV & BSB
05h
00h
Program SSB level 1
01h
Program SSB level 2
06h
00h
Program BSB (value to write in data[2])
01h
Program SBV (value to write in data[2])
07h
-
Full Chip Erase (This command needs about 6 sec to be
executed)
0Ah
04h
Program BLJB fuse (value to write in data[2])
08h
Program X2 fuse (value to write in data[2])
04h
Display Function
Data[0:1] = start address
Data [2:3] = end address
Data[4] = 00h:Display Code
Data[4] = 01h: Blank check
Data[4] = 02h: Display EEPROM
Display Code
Blank Check
Display EEPROM data
05h
Read Function
00h
00h
Manufacturer Id
01h
Device Id #1
02h
Device Id #2
03h
Device Id #3
07h
00h
Read SSB
01h
Read BSB
02h
Read SBV
06h
Read Extra Byte
0Bh
00h
Read Hardware Byte
0Eh
00h
Read Device Boot ID1
01h
Read Device Boot ID2
0Fh
00h
Read Bootloader Version
07h
Program EEPROM data
Program Nn EEprom Data Byte.
Bootloader will accept up to 128 (80h) data bytes.
Table 24-9.
ISP Commands Summary (Continued)
Command
Command Name
Data[0]
Data[1]
Command Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com