Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RD2-RDTUM Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 108Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 109Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 110Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 111Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 112Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 113Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 137 page
background image
112
4235K–8051–05/08
AT89C51RD2/ED2
24.10 API Call Description
The IAP allows to reprogram a microcontroller on-chip Flash memory without removing it from
the system and while the embedded application is running.
The user application can call some Application Programming Interface (API) routines allowing
IAP. These API are executed by the bootloader.
To call the corresponding API, the user must use a set of Flash_api routines which can be linked
with the application.
Example of Flash_api routines are available on the Atmel web site on the software application
note:
C Flash Drivers for the AT89C51RD2/ED2
The API calls description and arguments are shown in Table 24-10.
24.10.1
Process
The application selects an API by setting R1, ACC, DPTR0 and DPTR1 registers.
All calls are made through a common interface “USER_CALL” at the address FFF0h.
The jump at the USER_CALL must be done by LCALL instruction to be able to comeback in the
application.
Before jump at the USER_CALL, the bit ENBOOT in AUXR1 register must be set.
24.10.2
Constraints
The interrupts are not disabled by the bootloader.
Interrupts must be disabled by user prior to jump to the USER_CALL, then re-enabled when
returning.
Interrupts must also be disabled before accessing EEPROM Data then re-enabled after.
The user must take care of hardware watchdog before launching a Flash operation.
Table 24-10. API Call Summary
Command
R1
A
DPTR0
DPTR1
Returned Value
Command Effect
READ MANUF ID
00h
XXh
0000h
XXh
ACC = Manufacturer Id
Read Manufacturer identifier
READ DEVICE ID1
00h
XXh
0001h
XXh
ACC = Device Id 1
Read Device identifier 1
READ DEVICE ID2
00h
XXh
0002h
XXh
ACC = Device Id 2
Read Device identifier 2
READ DEVICE ID3
00h
XXh
0003h
XXh
ACC = Device Id 3
Read Device identifier 3
ERASE BLOCK
01h
XXh
DPH = 00h
00h
ACC = DPH
Erase block 0
DPH = 20h
Erase block 1
DPH = 40h
Erase block 2
DPH = 80h
Erase block 3
DPH = C0h
Erase block 4
PROGRAM DATA BYTE
02h
Vaue to write
Address of
byte to
program
XXh
ACC = 0: DONE
Program up one data byte in the on-chip
flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com