Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATA5429-PLSW Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 77Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 78Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 79Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 80Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 81Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 82Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 83Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 84Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
81
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
5.6
Phase noise at 10M
RX mode
Noise floor PLL
L
RX10M
–135
dBC/Hz
C
5.7
Loop bandwidth PLL
TX mode
Frequency where the
absolute value loop
gain is equal to 1
f
Loop_PLL
70
kHz
B
5.8
Frequency deviation
TX mode
f
RF = 315 MHz
fRF = 345 MHz
f
RF = 433.92 MHz
f
RF = 868.3 MHz
fRF = 915 MHz
f
DEV_TX
±15.54
±17.02
±16.17
±16.37
±17.25
kHz
D
5.9
Frequency resolution
fRF = 315 MHz
f
RF = 345 MHz
f
RF = 433.92 MHz
fRF = 868.3 MHz
f
RF = 915 MHz
4, 10
∆f
Step_PLL
777.1
851.1
808.9
818.6
862.6
Hz
D
5.10 FSK modulation rate
This correspond to
20 Kbit/s Manchester
coding and 40 Kbit/s
NRZ coding
f
Data_FSK
120
kHz
B
6
RX/TX Switch
6.1
Impedance RX mode
RX mode, pin 38 with
short connection to
GND, fRF = 0 Hz (DC)
39
ZSwitch_RX
23000
Ω
A
fRF = 315 MHz
f
RF = 345 MHz
fRF = 433.92 MHz
fRF = 868.3 MHz
f
RF = 915 MHz
39
ZSwitch_RX
(11.3 – j214)
(11.1 – j181)
(10.3 – j153)
(8.9 – j73)
(9 – j65)
Ω
C
6.2
Impedance TX mode
TX mode, pin 38 with
short connection to
GND, fRF = 0 Hz (DC)
39
ZSwitch_TX
5
Ω
A
fRF = 315 MHz
f
RF = 345 MHz
fRF = 433.92 MHz
fRF = 868.3 MHz
f
RF = 915 MHz
39
ZSwitch_RX
(4.8 + j3.2)
(4.7 + j3.4)
(4.5 + j4.3)
(5 + j9)
(5 + j9.2)
Ω
C
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com