Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATA5429-PLSW Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 56Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 62Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
59
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
In the presence of a valid transmitter signal, T
Bit-check is dependent on the frequency of that sig-
nal, f
Signal, and the count of the bits, NBit-check. A higher value for NBit-check therefore results in a
longer period for T
Bit-check, requiring a higher value for the transmitter pre-burst, TPreburst.
9.1.7
Receiving Mode
If the bit check was successful for all bits specified by N
Bit-check, the transceiver switches to
receiving mode. To activate a connected microcontroller, the bits VSOUT_EN and CLK_ON in
control register 3 are set to “1”. An interrupt is issued at pin IRQ if the control bits T_MODE = 0
and P_MODE = 0.
If the transparent mode is active (T_MODE = 1) and the level on pin CS is low (no data transfer
via the serial interface), the RX data stream is available on pin SDO_TMDO (Figure 9-8).
Figure 9-8.
Receiving Mode (TMODE = 1)
If the transparent mode is inactive (T_MODE = 0), the received data stream is buffered in the
TX/RX data buffer (see Figure 9-9 on page 60). The TX/RX data buffer is only usable for
Manchester and Bi-phase coded signals. It is always possible to transfer the data from the data
buffer via the 4-wire serial interface to a microcontroller (see Figure 8-1 on page 49).
Buffering of the data stream:
After a successful bit check, the transceiver switches from bit-check mode to receiving mode. In
receiving mode the TX/RX data buffer control logic is active and examines the incoming data
stream. This is done, as in the bit check, by subsequent time frame checks where the distance
between two edges is continuously compared to a programmable time window as illustrated in
Figure 9-9 on page 60. Only two time differences between two edges in Manchester and
Bi-phase coded signals are valid (T and 2T).
The limits for T are the same as used for the bit check. They can be programmed in control
register 5 and 6 (Lim_min, Lim_max).
The limits for 2T are calculated as follows:
Lower limit of 2T:
Upper limit of 2T:
If the result of Lim_min_2T or Lim_max_2T is not an integer value, it will be rounded up.
SDO_TMDO
Demod_Out
Bit check ok
Preburst
Byte 2
Byte 1
Start
bit
'0' '0' '0' '0' '0' '0' '0' '0' '0' '1'
'1'
'0'
'0' '0' '0' '0' '0' '1' '1' '1' '1' '0'
'0' '1' '1' '0' '1' '0' '1' '1' '0' '0'
Bit-check mode
Receiving mode
Byte 3
Lim_min_2T
Lim_min
Lim_max
+
()
Lim_max
Lim_min
–
()/2
–
=
T
Lim_min_2T
Lim_min_2T
T
XDCLK
×
=
Lim_max_2T
Lim_min
Lim_max
+
()
Lim_max
Lim_min
–
()/2
+
=
T
Lim_max_2T
Lim_max_2T - 1
() T
XDCLK
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com