Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATA5429-PLSW Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 88Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 89Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 90Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 91Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 92Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 93Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 94Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 95Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
92
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
13.6
Minimum time period
between edges at pin
SDO_TMDO in RX
transparent mode
XLIM = 0
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
XLIM = 1
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
31
T
DATA_min
10
×
TXDCLK
µs
A
13.7
Edge
-to-edge time
period of the data signal
for full sensitivity in RX
mode
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
T
DATA
200
100
50
25
500
250
125
62.5
µs
B
14
TX Mode
14.1
Start
-up time
From IDLE mode
TStartup
331.5
× T
DCLK
331.5
× T
DCLK
µs
A
15
Configuration of the Transceiver with 4-wire Serial Interface
15.1
CS set
-up time to rising
edge of SCK
33, 35
T
CS_setup
1.5
×
TDCLK
µs
A
15.2
SCK cycle time
33
TCycle
2µs
A
15.3
SDI_TMDI set
-up time
to rising edge of SCK
32, 33
TSetup
250
ns
C
15.4
SDI_TMDI hold time
from rising edge of SCK
32, 33
THold
250
ns
C
15.5
SDO_TMDO enable
time from rising edge of
CS
31, 35
TOut_enable
250
ns
C
15.6
SDO_TMDO output
delay from falling edge
of SCK
CL = 10 pF
31, 35
TOut_delay
250
ns
C
15.7
SDO_TMDO disable
time from falling edge of
CS
31, 33
T
Out_disable
250
ns
C
15.8
CS disable time period
35
T
CS_disable
1.5
×
TDCLK
µs
A
15.9
Time period SCK low to
CS high
33, 35
TSCK_setup1
250
ns
C
15.10
Time period SCK low to
CS low
33, 35
T
SCK_setup2
250
ns
C
15.11
Time period CS low to
SCK high
33, 35
T
SCK_hold
250
ns
C
16. Digital Timing Characteristics (Continued)
All parameters refer to GND and are valid for Tamb =25°C. VVS1 =VS2 = 3.0V (1 Li battery application (3V)), VVS2 = 6.0V (2 Li battery
application (6V)) and VVS2 =5.0V (Base-station Application(5V)) unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com