Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6416DF06MR Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6416DF06MR
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DF06MR Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6416DF06MR Datasheet HTML 8Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 9Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 10Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 11Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 12Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 13Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 14Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 15Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12/30
XC6416 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
* EN and GO Voltage condition: Unless otherwise stated, VEN=VGO=VIN while the other channel is turned off (VEN=VSS).
XC6416(VOUT=0.8V)
XC6416(VOUT=0.8V)
VIN=1.8V
Ta=25℃
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
XC6416(VOUT=1.5V)
XC6416(VOUT=1.5V)
VIN=2.5V
Ta=25℃
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
XC6416(VOUT=2.8V)
XC6416(VOUT=2.8V)
VIN=3.8V
Ta=25℃
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
0.0
0.4
0.8
1.2
1.6
0
50
100
150
200
250
300
350
400
Output Current : IOUT[mA]
Ta=85℃
Ta=25℃
Ta=-40℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
Output Current : IOUT[mA]
Ta=85℃
Ta=25℃
Ta=-40℃
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
450
Output Current : IOUT[mA]
Ta=85℃
Ta=25℃
Ta=-40℃
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
450
Output Current : IOUT[mA]
VIN=1.6V
VIN=1.8V
VIN=2.3V
VIN=6.0V
0.0
0.4
0.8
1.2
1.6
0
50
100
150
200
250
300
350
400
450
Output Current : IOUT[mA]
VIN=1.6V
VIN=1.8V
VIN=2.0V
VIN=2.5V
VIN=6.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
Output Current : IOUT[mA]
VIN=2.9V
VIN=3.1V
VIN=3.3V
VIN=3.8V
VIN=6.0V
(1) Output Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com