Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6416DF06MR Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6416DF06MR
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DF06MR Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6416DF06MR Datasheet HTML 14Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 15Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 16Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 17Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 18Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 19Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 20Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 21Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18/30
XC6416 Series
(6) EN 閾値電圧-周囲温度特性例
(7) GO 閾値電圧-周囲温度特性例
XC6416
XC6416
0.3
0.6
0.9
1.2
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
EN H LEVEL
EN L LEVEL
0.3
0.6
0.9
1.2
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
GO H LEVEL
GO L LEVEL
XC6416(VOUT=0.8V)
XC6416(VOUT=1.5V)
VGO=VSS
VGO=VSS
XC6416(VOUT=2.8V)
XC6416(VOUT=4.0V)
VGO=VSS
VGO=VSS
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
IOUT=30mA(HS mode)
IOUT=1mA(PS mode)
1.30
1.40
1.50
1.60
1.70
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
IOUT=30mA(HS mode)
IOUT=1mA(PS mode)
2.50
2.65
2.80
2.95
3.10
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
IOUT=30mA(HS mode)
IOUT=1mA(PS mode)
3.60
3.80
4.00
4.20
4.40
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
IOUT=30mA(HS mode)
IOUT=1mA(PS mode)
(5) Output Voltage vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) EN Threshold Voltage vs. Ambient Temperature
(7) GO Threshold Voltage vs. Ambient Temperature
■GreenOperation mode (VGO=VSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com