Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6416DF06MR Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6416DF06MR
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DF06MR Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6416DF06MR Datasheet HTML 11Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 12Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 13Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 14Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 15Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 16Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 17Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 18Page - Torex Semiconductor XC6416DF06MR Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15/30
XC6416
Series
XC6416(VOUT=1.5V)
XC6416(VOUT=1.5V)
Ta=25℃
Ta=25℃
VGO=VSS
VGO=VSS
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
CIN=1.0μF(ceramic)、CL=2.2μF(ceramic)
XC6416(VOUT=2.8V)
XC6416(VOUT=2.8V)
Ta=25℃
Ta=25℃
VGO=VSS
VGO=VSS
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
XC6416(VOUT=4.0V)
XC6416(VOUT=4.0V)
Ta=25℃
Ta=25℃
VGO=VSS
VGO=VSS
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
CIN=1.0μF(ceramic)、CL=1.0μF(ceramic)
0
0.5
1
1.5
2
0
123
456
Input Voltage : VIN[V]
IOUT=1mA
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
0
1
2
3
4
0123
456
Input Voltage : VIN[V]
IOUT=1mA
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
0
1
2
3
4
5
0123
4
5
6
Input Voltage : VIN[V]
IOUT=1mA
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
IOUT=1mA
(2) Output Voltage vs. Input Voltage (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com