Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1638CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1638CS8 Datasheet HTML 3Page - Linear Technology LT1638CS8 Datasheet HTML 4Page - Linear Technology LT1638CS8 Datasheet HTML 5Page - Linear Technology LT1638CS8 Datasheet HTML 6Page - Linear Technology LT1638CS8 Datasheet HTML 7Page - Linear Technology LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology LT1638CS8 Datasheet HTML 10Page - Linear Technology LT1638CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1638/LT1639
16389fd
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage
Input Bias Current vs
Common Mode Voltage
Output Saturation Voltage vs
Load Current (Output High)
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density vs
Frequency
SUPPLY VOLTAGE (V)
0
10
20
25
45
1638/39 G01
300
280
260
240
220
200
180
160
140
120
100
515
30
35
40
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
200
400
4
1638/39 G02
0
–200
100
300
–100
–300
– 400
1
2
3
5
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
4.0
10000
8000
6000
60
40
20
0
–20
–40
5.6
1638/39 G03
4.4
4.8
5.2
44
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
FREQUENCY (Hz)
1
10
100
1k
1638/39 G09
70
60
50
40
30
20
10
0
TIME (SEC)
0
1
357
9
246
8
1638/39 G07
10
VS = ±2.5
FREQUENCY (Hz)
1
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1k
1638/39 G08
SOURCING LOAD CURRENT (mA)
0.001
0.01
0.1
1
0.01
0.1
1
10
1638/39 G04
VS = ±2.5V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
SINKING LOAD CURRENT (mA)
0.001
0.001
0.1
0.01
1
0.01
0.1
1
10
1638/39 G05
VS = ±2.5V
VOD = 30mV
TA = 125°C
TA = –55°C
TA = 25°C
INPUT OVERDRIVE (mV)
10
30
100
1638/39 G06
1
10
20
100
90
80
70
60
50
40
0
VS = ±2.5V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
Output Saturation Voltage vs
Input Overdrive
Output Saturation Voltage vs
Load Current (Output Low)
Input Noise Current Density
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com