Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1638CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1638CS8 Datasheet HTML 2Page - Linear Technology LT1638CS8 Datasheet HTML 3Page - Linear Technology LT1638CS8 Datasheet HTML 4Page - Linear Technology LT1638CS8 Datasheet HTML 5Page - Linear Technology LT1638CS8 Datasheet HTML 6Page - Linear Technology LT1638CS8 Datasheet HTML 7Page - Linear Technology LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology LT1638CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1638/LT1639
16389fd
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V or VS = ±22V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V or VS = ±22V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±15V, and GBW at
VS = 3V and VS = ±15V tests.
Note 8: This specification implies a typical input offset voltage of 2mV at
VCM = 44V and a maximum input offset voltage of 5mV at VCM = 44V.
Note 9: This parameter is not 100% tested.
Note 10: The
θJA specified for the DD package is with minimal PCB heat
spreading metal. Using expanded metal area on all layers of a board
reduces this value.
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 125°C, otherwise
specifications are at TA = 25
°C. VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V– unless otherwise specified. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage
and how many amplifiers are shorted.
Note 3: The LT1638C/LT1639C and LT1638I/LT1639I are guaranteed
functional over the operating temperature range of –40
°C to 85°C. The
LT1638H/LT1639H are guaranteed functional over the operating
temperature range of – 40
°C to 125°C.
Note 4: The LT1638C/LT1639C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet specified performance from –40
°C to 85°C but not
tested or QA sampled at these temperatures. The LT1638I/LT1639I are
guaranteed to meet specified performance from –40
°C to 85°C. The
LT1638H/LT1639H are guaranteed to meet specified performance from
–40
°C to 125°C.
LT1638H/LT1639H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638S8
250
850
μV
●
3.4
mV
LT1639S
350
950
μV
●
3.6
mV
Input Offset Voltage Drift (Note 9)
●
15
μV/°C
IOS
Input Offset Current
●
25
nA
IB
Input Bias Current
●
250
nA
CMRR
Common Mode Rejection Ratio
VCM = –14.7V to 29V
●
72
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
200
500
V/mV
●
15
V/mV
VO
Output Voltage Swing
No Load
●
±14.8
V
IOUT = ± 5mA
●
±14
V
IOUT = ±10mA
●
±13.4
V
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±22V
●
84
dB
Minimum Supply Voltage
●
±1.35
V
IS
Supply Current
205
280
μA
●
550
μA
GBW
Gain Bandwidth Product
f = 5kHz
750
1200
kHz
●
400
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V,
0.225
0.4
V/
μs
Measure at VO = ±5V
●
0.1
V/
μs
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com