Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1638CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1638CS8 Datasheet HTML 1Page - Linear Technology LT1638CS8 Datasheet HTML 2Page - Linear Technology LT1638CS8 Datasheet HTML 3Page - Linear Technology LT1638CS8 Datasheet HTML 4Page - Linear Technology LT1638CS8 Datasheet HTML 5Page - Linear Technology LT1638CS8 Datasheet HTML 6Page - Linear Technology LT1638CS8 Datasheet HTML 7Page - Linear Technology LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1638/LT1639
16389fd
LT1638C/LT1639C, LT1638I/LT1639I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = 3V to 12.5V, VCM = VO = 1V
●
90
100
dB
Reverse Supply Voltage
IS = – 100μA per Amplifier
●
18
27
V
Minimum Operating Supply Voltage
●
2.4
2.7
V
IS
Supply Current per Amplifier
170
230
μA
(Note 6)
●
275
μA
GBW
Gain Bandwidth Product
f = 5kHz
650
1075
kHz
(Note 5)
0
°C ≤ TA ≤ 70°C
●
550
kHz
–40
°C ≤ TA ≤ 85°C
●
500
kHz
SR
Slew Rate
AV = – 1, RL = ∞
0.210
0.38
V/
μs
(Note 7)
0
°C ≤ TA ≤ 70°C
●
0.185
V/
μs
–40
°C ≤ TA ≤ 85°C
●
0.170
V/
μs
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
LT1638C/LT1639C, LT1638I/LT1639I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638 N, S Packages
250
800
μV
0
°C ≤ TA ≤ 70°C
●
1000
μV
–40
°C ≤ TA ≤ 85°C
●
1100
μV
LT1639 N, S Packages
350
900
μV
0
°C ≤ TA ≤ 70°C
●
1100
μV
–40
°C ≤ TA ≤ 85°C
●
1200
μV
LT1638 MS8 Package
400
1050
μV
0
°C ≤ TA ≤ 70°C
●
1250
μV
–40
°C ≤ TA ≤ 85°C
●
1550
μV
LT1638 DDPackage
450
1250
μV
0
°C ≤ TA ≤ 70°C
●
1450
μV
–40
°C ≤ TA ≤ 85°C
●
1550
μV
Input Offset Voltage Drift
LT1638/LT1639 N, S Packages
●
26
μV/°C
(Note 9)
LT1638MS8, LT1638DD
●
2.5
7
μV/°C
IOS
Input Offset Current
●
16
nA
IB
Input Bias Current
●
20
50
nA
Input Noise Voltage
0.1Hz to 10Hz
1
μVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
RIN
Input Resistance
Differential
1
2.5
M
Ω
Common Mode, VCM = – 15V to 14V
500
M
Ω
CIN
Input Capacitance
4.5
pF
Input Voltage Range
●
–15
29
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 29V
●
80
88
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
200
500
V/mV
0
°C ≤ TA ≤ 70°C
●
125
V/mV
–40
°C ≤ TA ≤ 85°C
●
100
V/mV
VO
Output Voltage Swing
No Load
●
±14.9
±14.95
V
IOUT = ±10mA
●
±13.7
±14.0
V
The
● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS =
±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com