Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A40MX02-PL100M Datasheet(PDF) 13 Page - Actel Corporation

Part # A40MX02-PL100M
Description  40MX and 42MX FPGA Families
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-PL100M Datasheet(HTML) 13 Page - Actel Corporation

Back Button A40MX02-PL100M Datasheet HTML 9Page - Actel Corporation A40MX02-PL100M Datasheet HTML 10Page - Actel Corporation A40MX02-PL100M Datasheet HTML 11Page - Actel Corporation A40MX02-PL100M Datasheet HTML 12Page - Actel Corporation A40MX02-PL100M Datasheet HTML 13Page - Actel Corporation A40MX02-PL100M Datasheet HTML 14Page - Actel Corporation A40MX02-PL100M Datasheet HTML 15Page - Actel Corporation A40MX02-PL100M Datasheet HTML 16Page - Actel Corporation A40MX02-PL100M Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
40MX and 42MX FPGA Families
v6.0
1-7
Programming
Device programming is supported through the Silicon
Sculptor series of programmers. Silicon Sculptor II is a
compact,
robust,
single-site
and
multi-site
device
programmer for the PC. With standalone software,
Silicon Sculptor II is designed to allow concurrent
programming of multiple units from the same PC.
Silicon Sculptor II programs devices independently to
achieve the fastest programming times possible. After
being programmed, each fuse is verified to insure that it
has been programmed correctly. Furthermore, at the end
of programming, there are integrity tests that are run to
ensure no extra fuses have been programmed. Not only
does
it
test
fuses
(both
programmed
and
nonprogrammed), Silicon Sculptor II also allows self-test
to verify its own hardware extensively.
The procedure for programming an MX device using
Silicon Sculptor II is as follows:
1. Load the .AFM file
2. Select the device to be programmed
3. Begin programming
When the design is ready to go to production, Actel
offers
device
volume-programming
services
either
through
distribution
partners
or
via
In-House
Programming from the factory.
For more details on programming MX devices, please
refer to the Programming Antifuse Devices and the
Silicon Sculptor II user's guides.
Power Supply
MX devices are designed to operate in both 5.0V and
3.3V environments. In particular, 42MX devices can
operate in mixed 5.0V/3.3V systems. Table 1 describes the
voltage support of MX devices.
Power-Up/Down in Mixed-Voltage Mode
When powering up 42MX in mixed voltage mode
(VCCA =5.0V and VCCI = 3.3V), VCCA must be greater than
or equal to VCCI throughout the power-up sequence. If
VCCI exceeds VCCA during power up, either the I/Os' input
protection junction on the I/Os will be forward-biased or
the I/Os will be at logical HIGH, and ICC rises to high
levels. For power-down, any sequence with VCCA and
VCCI can be implemented.
Low Power Mode
42MX devices have been designed with a Low Power
Mode. This feature, activated with setting the special LP
pin to HIGH for a period longer than 800 ns, is
particularly useful for battery-operated systems where
battery life is a primary concern. In this mode, the core of
the device is turned off and the device consumes minimal
power with low standby current. In addition, all input
buffers are turned off, and all outputs and bidirectional
buffers are tristated. Since the core of the device is
turned off, the states of the registers are lost. The device
must be re-initialized when exiting Low Power Mode. I/
Os can be driven during LP mode, and clock pins should
be driven HIGH or LOW and should not float to avoid
drawing current. To exit LP mode, the LP pin must be
pulled LOW for over 200 µs to allow for charge pumps to
power up, and device initialization will begin.
Figure 1-11 • Fuselock
™
e
u
Table 1 •
Voltage Support of MX Devices
Device
VCC
VCCA
VCCI
Maximum Input Tolerance
Nominal Output Voltage
40MX
5.0V
–
–
5.5V
5.0V
3.3V
–
–
3.6V
3.3V
42MX
–
5.0V
5.0V
5.5V
5.0V
–
3.3V
3.3V
3.6V
3.3V
–
5.0V
3.3V
5.5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com